Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # S3A
Description  SURFACEMOUNTRECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S3A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  S3A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S3A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S3A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
SURFACEMOUNTRECTIFIERS
S3A--S3M
Document Number : SMC001AA
www.gmicroelec.com
2
PACKAGE OUTLINE DIMENSIONS
SOLDERING FOOTPRINT
Unit :mm
PACKAGE
INFORMATION
Device
Package
Shipping
S3A--S3M
DO-214AB(SMC)
3000/Tape&Reel
DO-214AB(SMC)
Dim
Min
Max
A
6.70
7.10
B
5.70
6.10
C
2.10
2.40
D
7.55
8.05
E
0.15
0.35
F
1.00
1.60
G
0.20MAX
H
2.15
2.45
I
2.85
3.15
All Dimensions in mm
A
D
F


Similar Part No. - S3A

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Bruckewell Technology L...
S3A BWTECH-S3A Datasheet
84Kb / 2P
   SURFACE MOUNTGLASS PASSIVATED RECTIFIERS
logo
Leshan Radio Company
S3A LRC-S3A Datasheet
189Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
More results

Similar Description - S3A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S5ABT BILIN-S5ABT Datasheet
149Kb / 3P
   SURFACEMOUNTRECTIFIERS
S2AFA BILIN-S2AFA Datasheet
150Kb / 3P
   SURFACEMOUNTRECTIFIERS
S3ABT BILIN-S3ABT Datasheet
152Kb / 3P
   SURFACEMOUNTRECTIFIERS
S3AB BILIN-S3AB_14 Datasheet
177Kb / 3P
   SURFACEMOUNTRECTIFIERS
S2A BILIN-S2A_15 Datasheet
178Kb / 3P
   SURFACEMOUNTRECTIFIERS
S5AC BILIN-S5AC_14 Datasheet
176Kb / 3P
   SURFACEMOUNTRECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com