Electronic Components Datasheet Search |
|
MBRX120 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
MBRX120 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
1 / 3 page Production specification SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS MBRX120--MBRX1A0 Document Number: SOD401AA www.gmicroelec.com 1 FEATURES Low forward surge current Ideal for surface mounted applications Low leakage current MECHANICAL DATA Case: JEDEC SOD-123FL,molded plastic over passivated chip Terminals: Solder Plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Maximum Ratings (@TA = 25°C unless otherwise specified) Characteristic Symbol MBRX 120 MBRX 130 MBRX 140 MBRX 160 MBRX 180 MBRX 190 MBRX 1A0 UNITS Device marking code S2 S3 S4 S6 S8 S9 SA Maximum recurrent peak reverse voltage VRRM 20 30 40 60 80 90 100 V Maximum RMS voltage VRMS 14 21 28 42 56 63 70 V Maximum DC blocking voltage VDC 20 30 40 60 80 90 100 V Maximum average forward rectified current TJ=90℃ I(AV) 1.0 A Peak forward surge current 8.3ms single half-sine-wave Superimpose on rated load IFSM 30 A Thermal Characteristics Characteristic Symbol MBRX 120 MBRX 130 MBRX 140 MBRX 160 MBRX 180 MBRX 190 MBRX 1A0 UNITS Maximum thermal resistance RθJA 80 ℃ /W Typical Junction Capacitance CJ 60 PF Operating temperature range TJ - 55 --- + 125 - 55 --- + 150 ℃ Storage temperature range TSTG -- 55 --- + 150 ℃ Electrical Characteristics (@TA = 25°C unless otherwise specified) Characteristic Symbol MBRX 120 MBRX 130 MBRX 140 MBRX 160 MBRX 180 MBRX 190 MBRX 1A0 UNITS Maximum instantaneous @IFM=1.0A forward voltage VF 0.55 0.75 0.85 V Maximum DC reverse current TJ=25℃ at rated DC blocking voltage TJ=100℃ IR 0.3 m A 10 5.0 Pb Lead-free |
Similar Part No. - MBRX120_14 |
|
Similar Description - MBRX120_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |