Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219691102E3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MAL219691102E3
Description  Hybrid Energy Storage Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219691102E3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MAL219691102E3 Datasheet HTML 6Page - Vishay Siliconix MAL219691102E3 Datasheet HTML 7Page - Vishay Siliconix MAL219691102E3 Datasheet HTML 8Page - Vishay Siliconix MAL219691102E3 Datasheet HTML 9Page - Vishay Siliconix MAL219691102E3 Datasheet HTML 10Page - Vishay Siliconix MAL219691102E3 Datasheet HTML 11Page - Vishay Siliconix MAL219691102E3 Datasheet HTML 12Page - Vishay Siliconix MAL219691102E3 Datasheet HTML 13Page - Vishay Siliconix MAL219691102E3 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 13-Jan-17
10
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 19 - Typical Leakage Current at 20 °C as a Function of Time
Table 5
DISCHARGE CHARACTERISTICS
Backup time of 196 HVC series capacitors depends on minimum memory holding voltage and discharge current (corresponding
with the current consumption of the load).
For minimum backup times of standard and vertical miniaturized series see Fig. 20 to Fig. 23 (charging time
 24 h and CC-CV
charging according to table 3).
Fig. 20 - Typical Backup Time as a Function of Discharge Current
Fig. 21 - Typical Backup Time as a Function of Discharge Current
VOLTAGE TO BE USED FOR SERIES CONNECTION
N CELLS IN SERIES
UR (V)
U1 (V)
U2 (V)
1
1.4
1.3
0.7
2
2.8
2.7
1.9
3
4.2
4.0
3.1
4
5.6
5.4
4.4
5
7.0
6.7
5.6
6
8.4
8.1
6.9
1
10
100
1000
10 000
100 000
0
1020304050607080
I
L
(μA)
Time (h)
3
2
1
4
Curve 1: 90 F (1.4 V to 8.4 V)
Curve 2: 45 F (2.8 V to 5.6 V)
Curve 3: 15 F (1.4 V to 8.4 V)
Curve 4: 4 F (1.4 V to 8.4 V)
1
10
100
1000
10 000
100 000
0.1
1
10
100
Backup
time
(s)
Discharge current (mA)
C = 4 F (1.4 V to 8.4 V)
10
10
2
0.1
1
10
Backup
time
(s)
Discharge current (mA)
1
10
3
10
4
10
5
10
6
100
C = 15 F (1.4 V to 8.4 V)


Similar Part No. - MAL219691102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219691102E3 VISHAY-MAL219691102E3 Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
MAL219691102E3 VISHAY-MAL219691102E3 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
More results

Similar Description - MAL219691102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
   Hybrid Energy Storage Capacitors
Revision: 09-Sep-15
196HVC VISHAY-196HVC_V01 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
   Energy Storage Double Layer Capacitors
Revision: 18-Jul-16
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
   Energy Storage Double Layer Capacitors
01-Jan-2023
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com