Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM133FUA5 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # TM133FUA5
Description  Fibre Channel transceiver line interface module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TM133FUA5 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  TM133FUA5 Datasheet HTML 1Page - Pulse A Technitrol Company TM133FUA5 Datasheet HTML 2Page - Pulse A Technitrol Company TM133FUA5 Datasheet HTML 3Page - Pulse A Technitrol Company TM133FUA5 Datasheet HTML 4Page - Pulse A Technitrol Company TM133FUA5 Datasheet HTML 5Page - Pulse A Technitrol Company TM133FUA5 Datasheet HTML 6Page - Pulse A Technitrol Company TM133FUA5 Datasheet HTML 7Page - Pulse A Technitrol Company TM133FUA5 Datasheet HTML 8Page - Pulse A Technitrol Company TM133FUA5 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EMC Immunity and Radiated Emissions Tests
Radiated Emissions, FCC Class B, 6 dB margin
IEC 1000-4-2 ESD Test Method
Performance Criteria B, Level 2
IEC 1000-4-3 Radiated Immunity
Performance Criteria A, Level 3 (10V/m)
IEC 10004-4 EFT Test Method
Performance Criteria B, Level 3 (at I/O port)
Criteria A: The system shall continue to operate normally. The EUT shall be deemed to have passed the immunity tests if no bit
errors occur when receiving data over the cable. Changes of state, reset condition, unrecoverable jab condition,
blocked network, or loss of packets is unacceptable.
Criteria B: The system shall operate normally with no data errors through the loop after the test. During the test, data errors,
aborted frames and collisions are acceptable. No change of operating state such as system reset or unrecoverable
condition is permitted during or after the test.
Product Qualification Test Outline
V. Subgroup V (6 pieces)
Thermal shock
Per MIL-STD-202, Method 107, Condition A-1, except
temperature range shall be -20° C to +125° C, 25 cycles
Vibration
Per MIL-STD-202, Method 204D, Condition D, 20G
peak acceleration, 10 Hz to 2 KHz and return to 10 Hz
traversed in 6 minutes
Shock
Per MIL-STD-202, Method 213B, Condition J, 30G,
11msec shock, 3 shocks in each direction along
mutually perpendicular axes
VI. Subgroup VI (6 pieces)
Life Test
Per MIL-STD-202, Method 108, 1000 hours at a
temperature of 75° C
VII. Subgroup VII (8 pieces)
Humidity Test
Humidity test @ 40° C, and 90% humidity (4 pieces)
VIII. Subgroup VIII (6 pieces)
Electrostatic Discharge, ESD Classification
The ESD classification to be derived from ESD
testing per IEC801-2, EN50082-1, Criteria B
NOTE: There shall be 0 (zero) rejects allowable for
each of the subgroups.
I. Subgroup I (all devices - 40 pieces)
Electrical tests at 25°
Receiver (Rx) tests
- Jitter (total peak-to-peak)
Transmit (TX) tests
- CMI Mask Test (rise time, fall time, and amplitude)
- Jitter (total peak-to-peak)
Total power supply current
II. Subgroup II (4 pieces)
External visual inspection
Resistance to solvents per MIL-STD-202, Method 215H
- 1 part isopropyl alcohol, 3 parts mineral spirits
- Trichloroethane
- Terpene defluxer with a minimum of 90% d-limonene
and 10% surfactant
- 42 parts water, 1 part propylene glycol monomethyl
ether, 1 part monoethanolamine
Terminal strength per MIL-STD-883, Method 2004.5
- Lead tension
III. Subgroup III (4 pieces)
Solderability
Per MIL-STD-202, Method 208, with a 4-hour
steam age
IV. Subgroup IV (6 pieces)
Resistance to soldering heat
Hand solder (2 pieces), solder dip temperature of 430
±5° C for 3 seconds maximum
Vapor phase reflow (4 pieces) for a period of 60
seconds at a temperature of 215 +5/-0° C
TWO PEARL BUCK COURT
BRISTOL, PA 19007-6812
TEL 215-781-6400
FAX 215-781-6403
www.pulsespecialty.com
Fibre Channel Module — 3
PULSE SPECIALTY COMPONENTS


Similar Part No. - TM133FUA5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM133XG-02L07 ETC1-TM133XG-02L07 Datasheet
199Kb / 16P
   ETFT COLOR LCD MODULE
TM133XG-02L08A ETC1-TM133XG-02L08A Datasheet
139Kb / 17P
   TFT COLOR LCD MODULE
More results

Similar Description - TM133FUA5

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TM1062HSB1 PULSE-TM1062HSB1 Datasheet
495Kb / 3P
   Copperhead Series Fibre Channel Transc eiver Line Interface Module
logo
Agilent(Hewlett-Packard...
HPFC-5000 HP-HPFC-5000 Datasheet
30Kb / 2P
   Fibre Channel Interface Controller
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
   Fibre Channel Transceiver Chip
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
   High Speed Serial Transceiver Line Interface Module
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
   Fibre Channel Transceiver 1.0625 GBaud
logo
Sony Corporation
CXB1583Q SONY-CXB1583Q Datasheet
405Kb / 23P
   266Mbaud Fibre Channel Transceiver IC
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com