Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYG23T-M3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYG23T-M3
Description  Glass passivated pellet chip junction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG23T-M3 Datasheet(HTML) 3 Page - Vishay Siliconix

  BYG23T-M3 Datasheet HTML 1Page - Vishay Siliconix BYG23T-M3 Datasheet HTML 2Page - Vishay Siliconix BYG23T-M3 Datasheet HTML 3Page - Vishay Siliconix BYG23T-M3 Datasheet HTML 4Page - Vishay Siliconix BYG23T-M3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYG23T-M3
www.vishay.com
Vishay General Semiconductor
Revision: 19-Feb-15
3
Document Number: 89429
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Max. Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
0
0.2
0.4
0.6
0.8
1.0
1.2
100
75
50
25
0
125
150
175
TM - Mount Temperature (°C)
T
M - Measured
at the Lead terminal
2.0
0.8
0.6
0.4
0.2
0
0
0.2
0.1
0.4 0.5
0.3
0.6 0.7 0.8 0.9 1.0 1.1
Average Forward Current (A)
1.8
1.6
1.4
1.2
1.0
1.2
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
20
10
1
0.1
0.8
0.4
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
100
10
20
30
40
50
60
70
90
80
100
10
1
0.1
0.01
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
100
10
1
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
stg = 50 mVp-p
1000
100
10
1
0.1
0.01
1
10
100
t - Pulse Duration (s)
Junction to Ambient


Similar Part No. - BYG23T-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG23T-M3 VISHAY-BYG23T-M3 Datasheet
97Kb / 5P
   High Voltage Ultrafast Avalanche SMD Rectifiers
01-Jan-2022
BYG23T-M3 VISHAY-BYG23T-M3_V01 Datasheet
97Kb / 5P
   High Voltage Ultrafast Avalanche SMD Rectifiers
01-Jan-2022
More results

Similar Description - BYG23T-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURS240-M3 VISHAY-MURS240-M3 Datasheet
91Kb / 5P
   Glass passivated pellet chip junction
Revision: 20-Feb-15
S2A-M3 VISHAY-S2A-M3 Datasheet
89Kb / 4P
   Glass passivated pellet chip junction
Revision: 19-Feb-16
SB2D VISHAY-SB2D Datasheet
95Kb / 4P
   Glass passivated chip junction
Revision: 03-Nov-11
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
   Glass passivated chip junction
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
   Glass passivated chip junction
logo
Shenzhen Luguang Electr...
30KP33S LUGUANG-30KP33S Datasheet
144Kb / 3P
   Glass passivated junction chip
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
   Glass passivated chip junction
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
   Glass Passivated Chip Junction
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
   Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
   Glass Passivated chip junction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com