Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFS-8480 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CFS-8480
Description  Low frequency performance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CFS-8480 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CFS-8480 Datasheet HTML 1Page - Laird Tech Smart Technology CFS-8480 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eccosorb®CFS-8480
Castable Silicone Rubber
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
CASTABLE SILICONE RUBBER
Eccosorb CFS-8480 is a castable, magnetically loaded, silicone rubber material that exhibits high
loss in the UHF and lower end of the microwave range. It is physically similar to Eccosorb CRS, but
has quite different electrical properties making it much more useful in the UHF region and the
lower microwave frequency range.
FEATURES AND BENEFITS
2-component castable
Low frequency performance
High temperature resistance
MARKETS
Commercial Telecom
Security and Defense
Medical
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSORB CFS-8480
Frequency Range
800 MHz – 18 Ghz
Service Temperature °C (°F)
<275 (<527)
Density (g/cc)
2.8
Thermal Conductivity, (W/m-K)
0.73
Hardness, Shore A
65
Water Absorption, % 24 hours
<0.2
Dielectric Strength, (Kv/mm)
12
Volume Resistivity, ohm-cm
>10
12
Mix Ratio by weight, A:B
1000:9
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
APPLICATIONS
Eccosorb CFS-8480 can be poured or painted on surfaces.
When applied, Eccosorb CFS-8480 can be used to reduce surface currents or lower the Q of
cavities.
Most notably used as a coating for magnetrons and klystrons to improve insulation resistance
and stop voltage flashover.
It has been cast into transmission line attenuators and terminators.
It has been used in medical applications as a molded RF Absorber.
It has also been used as a potting absorber to protect sensitive components connected to
conductive strips.
AVAILABILITY
Eccosorb CFS-8480 is supplied as a two-component system, consisting of a Part A(resin) and a
Part B (catalyst).
It does not ship as a dangerous good.
As there might be regional differences, please contact your local supplier with regard to sizes
and packaging.
The material can also be supplied as a finished cast part by in-house molding techniques.
Shelf life is approximately 6 months when stored unmixed in a well sealed container.


Similar Part No. - CFS-8480

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFS-0100MA COPAL-CFS-0100MA Datasheet
502Kb / 7P
   SLIDE SWITCHES (FULL PITCH)
CFS-0100MB COPAL-CFS-0100MB Datasheet
502Kb / 7P
   SLIDE SWITCHES (FULL PITCH)
CFS-0100MC COPAL-CFS-0100MC Datasheet
502Kb / 7P
   SLIDE SWITCHES (FULL PITCH)
CFS-0100TA COPAL-CFS-0100TA Datasheet
502Kb / 7P
   SLIDE SWITCHES (FULL PITCH)
CFS-0100TB COPAL-CFS-0100TB Datasheet
502Kb / 7P
   SLIDE SWITCHES (FULL PITCH)
More results

Similar Description - CFS-8480

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CHC TTELEC-CHC Datasheet
1Mb / 4P
   Excellent high frequency performance
logo
WALSIN TECHNOLOGY CORPO...
HH15N100G500CT WALSIN-HH15N100G500CT Datasheet
3Mb / 11P
   High Q and low ESR performance at high frequency
RH21G100J251CT WALSIN-RH21G100J251CT Datasheet
3Mb / 12P
   High Q and low ESR performance at high frequency
logo
MERITEK ELECTRONICS COR...
UQ MERITEK-UQ Datasheet
330Kb / 7P
   High Q and low ESR performance at high frequency
logo
WALSIN TECHNOLOGY CORPO...
RF15N100J500CT WALSIN-RF15N100J500CT Datasheet
3Mb / 16P
   High Q and low ESR performance at high frequency
RT15N101J250CT WALSIN-RT15N101J250CT Datasheet
3Mb / 11P
   High Q and low ESR performance at high frequency
logo
Jingjing Microelectroni...
EG3842 EGMICRO-EG3842 Datasheet
644Kb / 13P
   High Performance Frequency-FIxed Frequency Current Mode Controller
logo
SiTime Corp.
SIT8209 SITIME-SIT8209 Datasheet
667Kb / 7P
   High Frequency, Ultra Performance Oscillator
logo
Texas Instruments
LMX2531 TI1-LMX2531_14 Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
logo
Unisonic Technologies
2SB562 UTC-2SB562 Datasheet
95Kb / 3P
   LOW FREQUENCY POWER LOW FREQUENCY POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com