Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F040A-55TI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49F040A-55TI
Description  4-megabit (512K x 8) 5-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F040A-55TI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49F040A-55TI Datasheet HTML 1Page - ATMEL Corporation AT49F040A-55TI Datasheet HTML 2Page - ATMEL Corporation AT49F040A-55TI Datasheet HTML 3Page - ATMEL Corporation AT49F040A-55TI Datasheet HTML 4Page - ATMEL Corporation AT49F040A-55TI Datasheet HTML 5Page - ATMEL Corporation AT49F040A-55TI Datasheet HTML 6Page - ATMEL Corporation AT49F040A-55TI Datasheet HTML 7Page - ATMEL Corporation AT49F040A-55TI Datasheet HTML 8Page - ATMEL Corporation AT49F040A-55TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
AT49F040A
3359B–FLASH–10/04
When the device is deselected, the CMOS standby current is less than 70 µA. To allow for
simple in-system reprogrammability, the AT49F040A does not require high input voltages for
programming. Five-volt-only commands determine the read and programming operation of the
device. Reading data out of the device is similar to reading from an EPROM; it has standard
CE, OE, and WE inputs to avoid bus contention. Reprogramming the AT49F040A is per-
formed by erasing a block of data and then programming on a byte-by-byte basis. The byte
programming time is a fast 20 µs. The end of a program cycle can be optionally detected by
the DATA polling feature. Once the end of a byte program cycle has been detected, a new
access for a read or program can begin. The typical number of program and erase cycles is in
excess of 10,000 cycles.
The device is erased by executing the erase command sequence; the device internally con-
trols the erase operations. There are two 8K byte parameter block sections, eight main
memory blocks, and one boot block.
The device has the capability to protect the data in the boot block; this feature is enabled by a
command sequence. The 16K-byte boot block section includes a reprogramming lock out fea-
ture to provide data integrity. The boot sector is designed to contain user secure code, and
when the feature is enabled, the boot sector is permanently protected from being
reprogrammed.
Block Diagram
CONTROL
LOGIC
Y DECODER
PARAMETER
BLOCK 1
(8K BYTES)
BOOT BLOCK
(16K BYTES)
OE
WE
CE
RESET
ADDRESS
INPUTS
VCC
GND
AT49F040A
DATA INPUTS/OUTPUTS
I/O7 - I/O0
8
X DECODER
PARAMETER
BLOCK 2
(8K BYTES)
MAIN MEMORY
BLOCK 1
(32K BYTES)
MAIN MEMORY
BLOCK 2
(64K BYTES)
MAIN MEMORY
BLOCK 3
(64K BYTES)
MAIN MEMORY
BLOCK 4
(64K BYTES)
MAIN MEMORY
BLOCK 8
(64K BYTES)
MAIN MEMORY
BLOCK 7
(64K BYTES)
MAIN MEMORY
BLOCK 6
(64K BYTES)
MAIN MEMORY
BLOCK 5
(64K BYTES)
PROGRAM
DATA LATCHES
Y-GATING
INPUT/OUTPUT
BUFFERS
1FFFF
10000
0FFFF
08000
3FFFF
30000
2FFFF
20000
07FFF
06000
05FFF
04000
03FFF
00000
7FFFF
70000
6FFFF
60000
5FFFF
50000
4FFFF
40000


Similar Part No. - AT49F040A-55TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
More results

Similar Description - AT49F040A-55TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT29C040A-90PI ATMEL-AT29C040A-90PI Datasheet
258Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A-90PC ATMEL-AT29C040A-90PC Datasheet
258Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A ATMEL-AT29C040A_08 Datasheet
409Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com