Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB200 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB200
Description  Low-voltage variable capacitance double diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB200 Datasheet(HTML) 2 Page - NXP Semiconductors

  BB200 Datasheet HTML 1Page - NXP Semiconductors BB200 Datasheet HTML 2Page - NXP Semiconductors BB200 Datasheet HTML 3Page - NXP Semiconductors BB200 Datasheet HTML 4Page - NXP Semiconductors BB200 Datasheet HTML 5Page - NXP Semiconductors BB200 Datasheet HTML 6Page - NXP Semiconductors BB200 Datasheet HTML 7Page - NXP Semiconductors BB200 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Oct 12
2
Philips Semiconductors
Product specification
Low-voltage variable capacitance double diode
BB200
FEATURES
• Very steep C/V curve
• C1: 70 pF; C4.5: 13.4 pF
• C1 to C5 ratio: min. 5
• Low series resistance
• Small plastic SMD package.
APPLICATIONS
• Electronic tuning in FM-radio
• Voltage Controlled Oscillators (VCO).
DESCRIPTION
The BB200 is a variable capacitance double diode with a
common cathode, fabricated in silicon planar technology
and encapsulated in the SOT23 small plastic SMD
package.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
BB200
SBp
PIN
DESCRIPTION
1
anode (a1)
2
anode (a2)
3
common cathode
handbook, halfpage
2
1
3
MAM169
2
1
3
Fig.1 Simplified outline (SOT23) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
18
V
IF
continuous forward current
50
mA
Tstg
storage temperature range
−55
+150
°C
Tj
operating junction temperature
−55
+85
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per diode
IR
reverse current
VR =10V
−−
50
nA
rs
diode series resistance
f = 100 MHz; VR = 1.5 V
0.43
0.6
Cd
diode capacitance
VR = 1 V; f = 1 MHz
65.8
70
74.2
pF
VR = 4.5 V; f = 1 MHz
12
13.4
14.8
pF
capacitance ratio
f = 1 MHz
5
−−
C
d1V
()
C
d5V
()
----------------


Similar Part No. - BB200

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BB20 LITTELFUSE-BB20 Datasheet
258Kb / 1P
   POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
logo
NXP Semiconductors
BB201 PHILIPS-BB201 Datasheet
52Kb / 8P
   Low-voltage variable capacitance double diode
2001 Oct 12
BB201 NXP-BB201 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BB201 NXP-BB201 Datasheet
144Kb / 8P
   Low-voltage variable capacitance double diode
2001 Oct 12
BB201215 NXP-BB201215 Datasheet
144Kb / 8P
   Low-voltage variable capacitance double diode
2001 Oct 12
More results

Similar Description - BB200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB201 PHILIPS-BB201 Datasheet
52Kb / 8P
   Low-voltage variable capacitance double diode
2001 Oct 12
logo
Quanzhou Jinmei Electro...
BB201 JMNIC-BB201_15 Datasheet
56Kb / 8P
   Low-voltage variable capacitance double diode
logo
NXP Semiconductors
BB201215 NXP-BB201215 Datasheet
144Kb / 8P
   Low-voltage variable capacitance double diode
2001 Oct 12
BB201 PHILIPS-BB201_15 Datasheet
144Kb / 8P
   Low-voltage variable capacitance double diode
2001 Oct 12
logo
Quanzhou Jinmei Electro...
BB201_2015 JMNIC-BB201_2015 Datasheet
56Kb / 8P
   Low-voltage variable capacitance double diode
logo
NXP Semiconductors
BB202 NXP-BB202 Datasheet
227Kb / 6P
   Low-voltage variable capacitance diode
Rev. 02-3 January 2008
BB156 NXP-BB156_04 Datasheet
58Kb / 7P
   Low-voltage variable capacitance diode
2004 Mar 01
BB142 PHILIPS-BB142 Datasheet
44Kb / 8P
   Low-voltage variable capacitance diode
1999 May 12
BB156 PHILIPS-BB156 Datasheet
53Kb / 8P
   Low-voltage variable capacitance diode
1998 Aug 17
logo
Quanzhou Jinmei Electro...
BB202_N_2015 JMNIC-BB202_N_2015 Datasheet
234Kb / 6P
   Low-voltage variable capacitance diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com