Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99-813-30D Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # L99-813-30D
Description  Cable assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

L99-813-30D Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  L99-813-30D Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG L99-813-30D Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
Cable assembly
Mini Coax Plug/Jack - SMA Plug - RTK 047 Cable
L99-813-XXD
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Assembly parts
Connector left
Mini Coax plug
23S103-270L3
Connector left
Mini Coax jack
23K103-270L3
Connector right
SMA plug
32S102-270L5
Cable
RTK 047
Housing
23Z121-005
(8 channel) Luranyl KR 2402 gray
Electrical data
Impedance
50
Frequency
DC to 20 GHz
Return loss
1
≥ 16 dB, DC to 20 GHz
Insertion loss
1
see table available variants
Phase matched by pairs
max. 2ps delay difference
Individual testing:
The S-Parameters (S11; S22; S21; S12) will be tested and the cable pairs are measured for phase matching
1 Return Loss and Insertion Loss includes the measurement adaptor
Mechanical data
Minimum bend radius:
Single
5.1 mm
Multiple
10.2 mm
Environmental data
Temperature range
-40°C to +115°C
RoHS
compliant
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Martin Moder
30.07.15
Armin Maiwälder
05.08.15
b00
15-s309
Kathrina Mitterer
05.08.15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - L99-813-30D

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L99-813-30E ROSENBERGER-L99-813-30E Datasheet
624Kb / 2P
   Cable assembly
L99-813-30F ROSENBERGER-L99-813-30F Datasheet
593Kb / 2P
   Cable assembly
L99-813-30G ROSENBERGER-L99-813-30G Datasheet
619Kb / 2P
   Cable assembly
More results

Similar Description - L99-813-30D

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-440 MARL-CNX-440 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-850-XX JFW-016-850-XX Datasheet
26Kb / 1P
   CABLE ASSEMBLY
logo
Pasternack Enterprises,...
PE34319LF PASTERNACK-PE34319LF Datasheet
300Kb / 1P
   Cable ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
   Cable assembly
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
   CABLE ASSEMBLY
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
   Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
   CABLE ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com