Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43681E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 43681E3
Description  Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

43681E3 Datasheet(HTML) 8 Page - Vishay Siliconix

  43681E3 Datasheet HTML 1Page - Vishay Siliconix 43681E3 Datasheet HTML 2Page - Vishay Siliconix 43681E3 Datasheet HTML 3Page - Vishay Siliconix 43681E3 Datasheet HTML 4Page - Vishay Siliconix 43681E3 Datasheet HTML 5Page - Vishay Siliconix 43681E3 Datasheet HTML 6Page - Vishay Siliconix 43681E3 Datasheet HTML 7Page - Vishay Siliconix 43681E3 Datasheet HTML 8Page - Vishay Siliconix 43681E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
159 PUL-SI
www.vishay.com
Vishay BCcomponents
Revision: 31-Jan-17
8
Document Number: 28341
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 5
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4 /
EN130300
subclause 4.13
Tamb = 105 C; UR applied; 2000 h
C/C: ± 15 %
ESR
 1.3 x spec. limit
IL5 spec. limit
Load life
Tamb = 105 C; UR and IR applied; 2000 h
C/C: ± 20 %
ESR
 2 x spec. limit
IL5  spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 C; UR and IR applied;
5000 h
C/C: ± 30 %
ESR
 3 x spec. limit
IL5  spec. limit
total failure percentage:
3 %
Shelf life
(storage at
high temperature)
IEC 60384-4 /
EN130300
subclause 4.17
Tamb = 105 C; no voltage applied; 1000 h
after test: UR to be applied for 30 min,
24 h to 48 h before measurement
C/C: ± 15 %
ESR
 1.5 x spec. limit
IL5  spec. limit


Similar Part No. - 43681E3

ManufacturerPart #DatasheetDescription
logo
Heyco.
4368 HEYCO-4368 Datasheet
112Kb / 1P
   Lockit™ Loops and Clips
4368 HEYCO-4368 Datasheet
112Kb / 1P
   Lockit Loops and Clips
logo
Molex Electronics Ltd.
43680-1002 MOLEX11-43680-1002 Datasheet
51Kb / 2P
   7.50mm Pitch Sabre Plug Crimp Housing, UL 94V-2, 2 Circuits
43680-1003 MOLEX11-43680-1003 Datasheet
51Kb / 2P
   7.50mm Pitch Sabre Plug Crimp Housing, UL 94V-2, 3 Circuits
43680-1004 MOLEX11-43680-1004 Datasheet
51Kb / 2P
   7.50mm Pitch Sabre Plug Crimp Housing, UL 94V-2, 4 Circuits
More results

Similar Description - 43681E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_V01 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
159PUL-SI VISHAY-159PUL-SI_V01 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI_15 Datasheet
107Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 20-May-15
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com