Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53102E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 53102E3
Description  Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

53102E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  53102E3 Datasheet HTML 1Page - Vishay Siliconix 53102E3 Datasheet HTML 2Page - Vishay Siliconix 53102E3 Datasheet HTML 3Page - Vishay Siliconix 53102E3 Datasheet HTML 4Page - Vishay Siliconix 53102E3 Datasheet HTML 5Page - Vishay Siliconix 53102E3 Datasheet HTML 6Page - Vishay Siliconix 53102E3 Datasheet HTML 7Page - Vishay Siliconix 53102E3 Datasheet HTML 8Page - Vishay Siliconix 53102E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
159 PUL-SI
www.vishay.com
Vishay BCcomponents
Revision: 31-Jan-17
6
Document Number: 28341
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
500
56
22 x 30
0.56
0.28
1730
2310
1280
1700
19569E3
89569E3
68
22 x 35
0.63
0.34
1430
1900
1050
1400
19689E3
89689E3
68
25 x 30
0.64
0.34
1430
1910
1060
1410
29689E3
69689E3
82
22 x 35
0.69
0.41
1190
1580
880
1170
19829E3
89829E3
82
25 x 30
0.69
0.41
1190
1590
890
1180
29829E3
69829E3
100
22 x 40
0.80
0.50
980
1300
720
960
19101E3
89101E3
100
25 x 35
0.80
0.50
980
1310
720
960
29101E3
69101E3
120
25 x 40
0.92
0.60
820
1090
610
810
29121E3
89121E3
120
30 x 30
0.91
0.60
830
1110
620
830
19121E3
69121E3
150
25 x 45
1.07
0.75
650
870
490
650
19151E3
89151E3
150
30 x 35
1.05
0.75
670
890
500
660
29151E3
39151E3
180
25 x 50
1.23
0.90
550
730
410
540
29181E3
89181E3
180
30 x 40
1.19
0.90
560
740
410
550
19181E3
69181E3
180
35 x 30
1.20
0.90
580
770
440
590
39181E3
49181E3
220
30 x 45
1.37
1.10
460
610
340
450
29221E3
89221E3
220
35 x 35
1.37
1.10
470
630
360
480
19221E3
69221E3
270
30 x 50
1.57
1.35
380
500
280
370
19271E3
89271E3
270
35 x 40
1.55
1.35
390
520
290
390
29271E3
69271E3
330
35 x 45
1.74
1.65
320
430
240
320
19331E3
89331E3
390
35 x 55
2.02
1.95
270
360
200
270
19391E3
89391E3
470
35 x 60
2.24
2.35
230
300
170
230
19471E3
89471E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
 400 V versions
Us = 1.1 x UR
 250 V versions
Us = 1.15 x UR
Reverse voltage
 1 V
Current
Leakage current
After 5 min at UR
IL5  0.01 CR x UR
Inductance
Equivalent series inductance (ESL)
All case sizes
Typ. 19 nH
Max. 25 nH
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
105
C
(A)
IL5
5 min
(mA)
TYP. ESR
100 Hz (1)
(m
)
MAX. ESR
100 Hz (1)
(m
)
TYP. Z
10 kHz
(m
)
MAX. Z
10 kHz
(m
)
ORDERING CODE
MAL2159.......
2-TERM.
3-TERM.
Note
(1)
ESR at 120 Hz is approximately 0.95 x ESR 100 Hz


Similar Part No. - 53102E3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
531020-1 MACOM-531020-1 Datasheet
275Kb / 2P
   ROTARY ZIF CONNECTOR. 100x200. SOLDER POST OPEN ONE END
531020-2 MACOM-531020-2 Datasheet
275Kb / 2P
   ROTARY ZIF CONNECTOR. 100x200. SOLDER POST OPEN ONE END
531020-3 MACOM-531020-3 Datasheet
275Kb / 2P
   ROTARY ZIF CONNECTOR. 100x200. SOLDER POST OPEN ONE END
531020-4 MACOM-531020-4 Datasheet
275Kb / 2P
   ROTARY ZIF CONNECTOR. 100x200. SOLDER POST OPEN ONE END
531020-5 MACOM-531020-5 Datasheet
275Kb / 2P
   ROTARY ZIF CONNECTOR. 100x200. SOLDER POST OPEN ONE END
More results

Similar Description - 53102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_V01 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
159PUL-SI VISHAY-159PUL-SI_V01 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI_15 Datasheet
107Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 20-May-15
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com