Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS488DN Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIS488DN
Description  Capable of Operating with 5 V Gate Drive
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIS488DN Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIS488DN Datasheet HTML 3Page - Vishay Siliconix SIS488DN Datasheet HTML 4Page - Vishay Siliconix SIS488DN Datasheet HTML 5Page - Vishay Siliconix SIS488DN Datasheet HTML 6Page - Vishay Siliconix SIS488DN Datasheet HTML 7Page - Vishay Siliconix SIS488DN Datasheet HTML 8Page - Vishay Siliconix SIS488DN Datasheet HTML 9Page - Vishay Siliconix SIS488DN Datasheet HTML 10Page - Vishay Siliconix SIS488DN Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revison: 26-Jan-15
1
Document Number: 71656
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® 1212, (Single/Dual)
DIM.
MILLIMETERS
INCHES
MIN.
MAX.
MIN.
MAX.
A
0.79
1.12
0.031
0.044
A1
0
0.05
0
0.002
b
0.23
0.41
0.009
0.016
c
0.13
0.33
0.005
0.013
D
3.00
3.61
0.118
0.142
D1
2.95
3.21
0.116
0.126
D2
1.98
2.70
0.078
0.106
D4
0.31 TYP.
0.012 TYP.
E
3.00
3.61
0.118
0.142
E1
2.95
3.21
0.116
0.126
E2
1.47
2.21
0.058
0.087
E3
1.75
1.98
0.069
0.078
E4
0.535 TYP.
0.021 TYP.
e
0.65 BSC
0.026 BSC
K
0.61
0.024
K1
0.35
0.014
H
0.15
0.51
0.006
0.020
L
0.15
0.56
0.006
0.022
L1
0.051
0.204
0.002
0.008
θ
12°
12°
W
0.15
0.36
0.006
0.014
M
0.125 TYP.
0.005 TYP.
ECN: C15-0077-Rev. K, 26-Jan-15
DWG: 5882
3. Dimensions exclusive of mold flash and cutting burrs
1.
Notes:
2
Inch will govern
Dimensions exclusive of mold gate burrs
Backside View of Single Pad
Backside View of Dual Pad
Detail Z
D1
D2
E1
45
1
8
4
3
H
2
1
θ
θ
E2
L
4
3
2
1
A1
Z
K
W
E3
E4
HK
E4
E2
L
E3
L1
2
2
E
H


Similar Part No. - SIS488DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS488DN VISHAY-SIS488DN_V01 Datasheet
564Kb / 13P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIS488DN

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9T15GH-HF A-POWER-AP9T15GH-HF_16 Datasheet
63Kb / 5P
   Capable of 2.5V Gate Drive
AP9452AGG-HF A-POWER-AP9452AGG-HF Datasheet
99Kb / 4P
   Capable of 2.5V Gate Drive, Single Drive Requirement
AP9T15GH,J A-POWER-AP9T15GH,J_10 Datasheet
103Kb / 4P
   Low Gate Charge, Capable of 2.5V Gate Drive
AP9T19GJ A-POWER-AP9T19GJ Datasheet
80Kb / 4P
   Low Gate Charge, Capable of 2.5V gate drive
AP2344GN-HF A-POWER-AP2344GN-HF Datasheet
55Kb / 4P
   Capable of 1.8V Gate Drive, Lower Gate Charge
AP9T18GH,J A-POWER-AP9T18GH,J_08 Datasheet
218Kb / 6P
   Low Gate Charge, Capable of 2.5V gate drive
AP2535GEY-HF A-POWER-AP2535GEY-HF Datasheet
128Kb / 7P
   Capable of 1.8V Gate Drive, Lower Gate Charge
AP2612GY-HF A-POWER-AP2612GY-HF Datasheet
101Kb / 4P
   Capable of 1.8V Gate Drive, Simple Drive Requirement
AP2322GN-HF A-POWER-AP2322GN-HF Datasheet
96Kb / 4P
   Capable of 1.8V gate drive, Simple Drive Requirement
AP9452GG-HF A-POWER-AP9452GG-HF Datasheet
96Kb / 5P
   Lower gate charge, Capable of 2.5V gate drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com