Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219691262E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL219691262E3
Description  Hybrid Energy Storage Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219691262E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MAL219691262E3 Datasheet HTML 2Page - Vishay Siliconix MAL219691262E3 Datasheet HTML 3Page - Vishay Siliconix MAL219691262E3 Datasheet HTML 4Page - Vishay Siliconix MAL219691262E3 Datasheet HTML 5Page - Vishay Siliconix MAL219691262E3 Datasheet HTML 6Page - Vishay Siliconix MAL219691262E3 Datasheet HTML 7Page - Vishay Siliconix MAL219691262E3 Datasheet HTML 8Page - Vishay Siliconix MAL219691262E3 Datasheet HTML 9Page - Vishay Siliconix MAL219691262E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 13-Jan-17
6
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 14 - Form H: Stacked Through Hole Oval Horizontal
Table 1
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
D x L x H (mm)
FORM
Ø Dmax.
Lmax.
L1max.
Hmax.
MASS
(g)
7.0 x 7.0 x 2.5
A2, B2, B3
7.5
2.3 + 0.3
7.0 + 0.5
-
0.5
7.0 x 7.0 x 2.5
C
7.5
7.0
7.0 + 8.0
-
0.5
7.0 x 7.0 x 2.5
D1
7.5
7.0
7.0 + 4.0
-
0.5
7.0 x 7.0 x 5.0
A2, B2, B3
7.5
4.2
4.2 + 0.5
-
0.8
7.0 x 7.0 x 7.5
A2, B2, B3
7.5
7.5
7.8 + 0.5
-
1.5
7.0 x 7.0 x 10.0
A2, B2, B3
7.5
10.5
10.2 + 0.5
-
1.8
7.0 x 7.0 x 12.5
A2, B2, B3
7.5
12.5
12.4 + 0.5
-
2.5
7.0 x 7.0 x 15.0
A2, B2, B3
7.5
14.8
14.8 + 0.5
-
3.0
12.0 x 12.0 x 2.5
A2, B2, B3
12.5
2.3
2.3 + 0.5
-
1.2
12.0 x 12.0 x 2.5
C
12.5
12.5
12.5 + 8.0
-
1.0
12.0 x 12.0 x 2.5
D2
12.5
12.5
12.5 + 4.0
-
1.0
12.0 x 12.0 x 5.0
A2, B2, B3
12.5
4.2
4.2 + 0.5
-
2.2
12.0 x 12.0 x 7.5
A2, B2, B3
12.5
8.0
7.8 + 0.5
-
3.3
12.0 x 12.0 x 10.0
A2, B2, B3
12.5
10.5
10.5 + 0.5
-
4.0
12.0 x 12.0 x 12.5
A2, B2, B3
12.5
12.5
12.5 + 0.5
-
5.4
12.0 x 12.0 x 15.0
A2, B2, B3
12.5
14.8
14.8 + 0.5
-
6.5
7.0 x 14.0 x 2.5
E2
7.5
14.8
14.8 + 8.0
-
1.0
12.0 x 24.0 x 2.5
E2
12.5
24.0
24.0 + 8.0
-
2.0
13.0 x 14.0 x 2.5
E3
14.0
15.0
14.8 + 8.0
14.0
1.2
22.0 x 24.0 x 2.5
E3
24.0
24.0
24.8 + 8.0
15.0
3.3
14.0 x 14.0 x 2.5
E4
15.0
15.0
14.8 + 8.0
22.5
1.5
24.0 x 24.0 x 2.5
E4
24.0
24.0
24.8 + 8.0
24.0
4.4
14.5 x 12.0 x 2.5
F
14.5
12.0
12.0 + 50.0
-
1.0
14.5 x 24.0 x 2.5
F
14.5
24.0
24.0 + 50.0
-
3.0
14.5 x 36.0 x 2.5
F
14.5
36.0
36.0 + 50.0
-
4.0
14.5 x 48.0 x 2.5
F
14.5
48.0
48.0 + 50.0
-
6.0
14.5 x 60.0 x 2.5
F
14.5
60.0
60.0 + 50.0
-
7.5
14.5 x 72.0 x 2.5
F
14.5
72.0
72.0 + 50.0
-
9.0
25 x 15 x 5.0
I, K
27 x 15.5
5.0
5.0 ± 0.5
-
3.0
25 x 15 x 7.5
I, K
27 x 15.5
7.0
7.0 ± 0.5
-
4.5
25 x 15 x 10.0
I, K
27 x 15.5
9.0
9.0 ± 0.5
-
6.0
35 x 25 x 5.0
G, H
35 x 25
3.7
3.6 ± 0.1
-
7.5
35 x 25 x 7.5
G, H
35 x 25
7.5
7.5 + 0.5
-
15.0
35 x 25 x 10.0
G, H
35 x 25
10.5
10.5 + 0.5
-
22.5
35 x 25 x 15.0
G, H
35 x 25
15.5
15.0 + 0.5
-
30.0
35 x 25 x 17.5
G, H
35 x 25
17.5
17.0 + 0.5
-
45.0
35 x 25 x 20.0
G, H
35 x 25
20.5
20.0 + 0.5
-
50.0
L
max.
F
1
5
35 max.
1 (3 x)
0.2 (2 x)
F
0.5
+
-
+ 0.5
- 0.5


Similar Part No. - MAL219691262E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219691262E3 VISHAY-MAL219691262E3 Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
MAL219691262E3 VISHAY-MAL219691262E3 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
More results

Similar Description - MAL219691262E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
   Hybrid Energy Storage Capacitors
Revision: 09-Sep-15
196HVC VISHAY-196HVC_V01 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
   Energy Storage Double Layer Capacitors
Revision: 18-Jul-16
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
   Energy Storage Double Layer Capacitors
01-Jan-2023
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com