Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW272AX Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # AQW272AX
Description  PhotoMOS RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQW272AX Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  AQW272AX Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQW272AX Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQW272AX Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQW272AX Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AQW27r
199
13.-(1) Load current vs. turn on time character-
istics
LED current: 10 mA; Continuous load current:
10 V (DC); Ambient temperature: 25
°C 77°F
13.-(2) Load current vs. turn on time character-
istics
LED current: 10 mA; Load voltage 10 V (DC);
Ambient temperature: 25
°C 77°F
14.-(1) Load voltage vs. turn off time character-
istics
LED current: 10 mA; Continuous load current:
100 mA; Ambient temperature: 25
°C 77°F
5
4
3
2
1
0
0.5
1
1.5
2
2.5
3
0
AQW272
AQW275
Load current, A
5
4
3
2
1
0
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
AQW277
AQW274
Load current, A
0.5
0.4
0.3
0.2
0.1
0
0
102030405060708090 100
AQW272
AQW275
Load voltage, V
14.-(2) Load voltage vs. turn off time character-
istics
LED current: 10 mA; Continuous load current:
100 mA; Ambient temperature: 25
°C 77°F
15.-(1) Load current vs. turn off time character-
istics
LED current: 10 mA; Load voltage 10 V (DC);
Ambient temperature: 25
°C 77°F
15.-(2) Load current vs. turn off time character-
istics
LED current: 10 mA; Load voltage 10 V (DC);
Ambient temperature: 25
°C 77°F
0.5
0.4
0.3
0.2
0.1
0
0
50 100 150 200 250 300 350 400
AQW277
AQW274
Load voltage, V
0.5
0.4
0.3
0.2
0.1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
AQW272
AQW275
Load current, A
0.5
0.4
0.3
0.2
0.1
0
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
AQW277
AQW274
Load current, A
16. Maximum operating frequency vs. load volt-
age/current characteristics
LED current: 10 mA;
Ambient temperature: 25
°C 77°F
17. Applied voltage vs. output capacitance
characteristics
Frequency: 1 MHz;
Ambient temperature: 25
°C 77°F
10
9
8
7
6
5
4
3
2
1
0
0
25
50
75
100 125 150 175 200
Duty factor=50%
Load voltage, V
× load current, A
2000
1800
1600
1400
1200
1000
800
600
400
200
0
0
20
40
60
80
100
AQW272
AQW275
AQW274
AQW277
Applied voltage, V
5/7/2001
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - AQW272AX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW21 PANASONIC-AQW21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQW21 ETC2-AQW21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW21 ETC2-AQW21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW21 ETC2-AQW21 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
AQW21 ETC-AQW21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQW272AX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY221N3V NAIS-AQY221N3V Datasheet
153Kb / 6P
   PhotoMOS RELAYS
AQX21444 NAIS-AQX21444 Datasheet
53Kb / 3P
   PhotoMOS RELAYS
AQY221N2S NAIS-AQY221N2S Datasheet
35Kb / 4P
   PHOTOMOS RELAYS
AQS210 NAIS-AQS210 Datasheet
58Kb / 4P
   PhotoMOS RELAYS
AQV112KL NAIS-AQV112KL Datasheet
137Kb / 6P
   PhotoMOS RELAYS
AQY212GS NAIS-AQY212GS Datasheet
143Kb / 6P
   PhotoMOS RELAYS
AQW254 NAIS-AQW254 Datasheet
44Kb / 3P
   PhotoMOS RELAYS
AQW610S NAIS-AQW610S Datasheet
121Kb / 3P
   PhotoMOS RELAYS
AQW610EHA NAIS-AQW610EHA Datasheet
48Kb / 3P
   PhotoMOS RELAYS
AQY210KS NAIS-AQY210KS Datasheet
40Kb / 4P
   PhotoMOS RELAYS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com