Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83821E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 83821E3
Description  Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

83821E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  83821E3 Datasheet HTML 1Page - Vishay Siliconix 83821E3 Datasheet HTML 2Page - Vishay Siliconix 83821E3 Datasheet HTML 3Page - Vishay Siliconix 83821E3 Datasheet HTML 4Page - Vishay Siliconix 83821E3 Datasheet HTML 5Page - Vishay Siliconix 83821E3 Datasheet HTML 6Page - Vishay Siliconix 83821E3 Datasheet HTML 7Page - Vishay Siliconix 83821E3 Datasheet HTML 8Page - Vishay Siliconix 83821E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
159 PUL-SI
www.vishay.com
Vishay BCcomponents
Revision: 31-Jan-17
3
Document Number: 28341
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 1
Notes
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
(1) ESR at 120 Hz is approximately 0.95 x ESR 100 Hz
ORDERING EXAMPLE
Electrolytic capacitor 159 series
1000 μF / 200 V; ± 20 %
Nominal case size: Ø 30 mm x 45 mm
2-terminal snap-in:
Ordering code: MAL215942102E3
Former 12NC:
222215942102
3-terminal snap-in:
Ordering code: MAL215922102E3
Former 12NC:
222215922102
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING
QUANTITIES
(units per box)
CARDBOARD BOX
DIMENSIONS
L x W x H
22 x 25
23
27
 12
100
260 x 250 x 39
22 x 30
23
32
 16
100
260 x 250 x 44
22 x 35
23
37
 20
100
260 x 250 x 49
22 x 40
23
42
 23
100
260 x 250 x 54
25 x 25
26
27
 20
100
290 x 280 x 39
25 x 30
26
32
22
100
290 x 280 x 44
25 x 35
26
37
 24
100
290 x 280 x 49
25 x 40
26
42
27
100
290 x 280 x 54
25 x 45
26
47
 32
100
290 x 280 x 59
25 x 50
26
52
 38
100
290 x 280 x 64
30 x 25
31
27
 25
100
340 x 330 x 39
30 x 30
31
32
 30
100
340 x 330 x 44
30 x 35
31
37
 35
100
340 x 330 x 49
30 x 40
31
42
 40
100
340 x 330 x 54
30 x 45
31
47
 45
100
340 x 330 x 59
30 x 50
31
52
 50
100
340 x 330 x 64
35 x 25
36
27
 33
50
390 x 198 x 39
35 x 30
36
32
 40
50
390 x 198 x 44
35 x 35
36
37
 48
50
390 x 198 x 49
35 x 40
36
42
 55
50
390 x 198 x 54
35 x 45
36
47
 63
50
390 x 198 x 59
35 x 50
36
52
 72
50
390 x 198 x 64
35 x 55
36
57
 80
50
390 x 198 x 69
35 x 60
36
62
 84
50
390 x 198 x 74
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz
IR
Rated RMS ripple current at 120 Hz, 105 °C
IL5
Max. leakage current after 5 min at UR
ESR
Typ. / max. equivalent series resistance at 100 Hz (1)
Z
Typ. / max. impedance at 10 kHz


Similar Part No. - 83821E3

ManufacturerPart #DatasheetDescription
logo
Heyco.
8382 HEYCO-8382 Datasheet
179Kb / 1P
   Heyco-Flex™ Liquid Tight Conduit Fittings
logo
Murata Manufacturing Co...
83823C MURATA-83823C Datasheet
167Kb / 2P
   Toroidal Surface Mount Power Inductors
More results

Similar Description - 83821E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_V01 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
159PUL-SI VISHAY-159PUL-SI_V01 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI_15 Datasheet
107Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 20-May-15
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com