Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C44QY6500F8SJ Datasheet(PDF) 8 Page - Kemet Corporation

Part # C44QY6500F8SJ
Description  C44U Series, 600 - 1,300 VDC, for DC Link
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44QY6500F8SJ Datasheet(HTML) 8 Page - Kemet Corporation

  C44QY6500F8SJ Datasheet HTML 1Page - Kemet Corporation C44QY6500F8SJ Datasheet HTML 2Page - Kemet Corporation C44QY6500F8SJ Datasheet HTML 3Page - Kemet Corporation C44QY6500F8SJ Datasheet HTML 4Page - Kemet Corporation C44QY6500F8SJ Datasheet HTML 5Page - Kemet Corporation C44QY6500F8SJ Datasheet HTML 6Page - Kemet Corporation C44QY6500F8SJ Datasheet HTML 7Page - Kemet Corporation C44QY6500F8SJ Datasheet HTML 8Page - Kemet Corporation C44QY6500F8SJ Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3049_C44U_RADIAL • 9/20/2016
8
Aluminum Can Power Film Capacitors
C44U Series, 600 – 1,300 VDC, for DC Link
Sealing
Hermetically Sealed Capacitors
When the temperature increases, the pressure inside the capacitor increases. If the internal pressure is high enough, it can
cause a breach in the capacitor which can result in leakage, impregnation, filling fluid or moisture susceptibility.
Resin Encased/Wrap & Fill Capacitors
The resin seals on resin encased and wrap and fill capacitors will withstand short-term exposure to high humidity
environments without degradation. Resins and plastic tapes will form a pseudo-impervious barrier to humidity and
chemicals. These case materials are somewhat porous and through osmosis can cause contaminants to enter the capacitor.
The second area of contaminated absorption is the lead-wire/resin interface. Since resins cannot bond 100% to tinned wires,
there can be a path formed up to the lead wire into the capacitor section. Aqueous cleaning of circuit boards can aggravate
this condition.
Barometric Pressure
The altitude at which hermetically sealed capacitors are operated controls the voltage rating of the capacitor. As the
barometric pressure decreases, the susceptibility to terminal arc-over increases. Non-hermetic capacitors can be affected
by internal stresses due to pressure changes. This can be in the form of capacitance changes or dielectric arc-over as well
as low insulation resistance. Heat transfer can also be affected by altitude operation. Heat generated in operation cannot be
dissipated properly and can result in high RI2 losses and eventual failure.
Radiation
Radiation capabilities of capacitors must be taken into consideration. Electrical degradation in the form of dielectric
embitterment can take place causing shorts or opens.


Similar Part No. - C44QY6500F8SJ

ManufacturerPart #DatasheetDescription
logo
Surge Components
C44 SURGE-C44 Datasheet
2Mb / 9P
   Withstanding overvoltage stressing
logo
Texas Instruments
C44-10BSA1-G TI-C44-10BSA1-G Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
logo
Powerex Power Semicondu...
C440 POWEREX-C440 Datasheet
525Kb / 4P
   Phase Control SCR 900 Amperes Average 1600 Volts
logo
Kemet Corporation
C440 KEMET-C440 Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C440 KEMET-C440 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C44QY6500F8SJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK Datasheet
385Kb / 10P
   600 ??1,300 VDC, for DC Link
C44UJGT6550A8SK KEMET-C44UJGT6550A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 550 uF, 10%, 700 V
C44UOGT6350A8SK KEMET-C44UOGT6350A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 350 uF, 10%, 900 V
C44UOGT6100A8TK KEMET-C44UOGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 900 V
C44UQGT6100A8TK KEMET-C44UQGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 1,100 V
C44UJGT6225A8TK KEMET-C44UJGT6225A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 225 uF, 10%, 700 V
C44UJGT6425A7SK KEMET-C44UJGT6425A7SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 425 uF, 10%, 700 V
C44UJGT6120A7TK KEMET-C44UJGT6120A7TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 120 uF, 10%, 700 V
C44UOGT6150A8TK KEMET-C44UOGT6150A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 150 uF, 10%, 900 V
C44UQGT6250A8SK KEMET-C44UQGT6250A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 250 uF, 10%, 1,100 V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com