Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMCU4 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # MMCU4
Description  Approvals and frequencies for worldwide deployment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MMCU4 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  MMCU4 Datasheet HTML 1Page - Laird Tech Smart Technology MMCU4 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CattronControl
MMCU4
FEATURES
A POWERFUL AND FLEXIBLE RADIO REMOTE CONTROL
TRANSCEIVER FOR INDUSTRIAL CRANE AND MACHINE
CONTROL APPLICATIONS
The MMCU4 is a fully configurable Machine Control Unit (MCU), part of the CattronControl™
family of products. The basic unit comprises a robust lP65 steel enclosure with five card slots.
The first card slot is occupied by a power supply, CPU and radio, plus two safety relays. This
leaves four more card slots to be configured as required from a wide range of input and output
modules listed on the back of this sheet. These enable the MMCU4 to work with almost any
crane or machine application.
The MMCU4 features the latest generation safety critical hardware and software design,
making this unit the ideal choice for clients seeking peace of mind and confidence that safety
and productivity will be maintained at the highest level. The MMCU4, like the rest of the
CattronControl range, features an easy-to-change RFID Transkey™ for simple unit configuration.
This allows facilities to quickly deploy spare units by simply swapping the RFID Transkey
between the operating unit and the spare. Downtime and spares holding are minimized. The
MMCU4 series can be used with any of the diverse range of operator control units from the
CattronControl range.
• Customized by our dedicated team of
application engineering experts to suit
almost any application
• A diverse range of interfaces that can be
freely mixed, including dual safety relays for
STOP, normal and safety relays, options for
function outputs, analog, digital inputs and
outputs and many different BUS types
• High safety class through redundant
hardware and safety critical software
• Approvals and frequencies for worldwide
deployment
• Compatible with all CattronControl operator
control units
• Rugged and compact IP65 protection class
industrial enclosure
• System configuration via secure wireless
(RFID)Transkey for simplification of spares
holding
• Features removable terminal connections
for ease of installation and maintenance
• Industrial grade, wide range AC power
supply and several DC power supply
variants available
• Multi-LED indication for status and
diagnostics
• Tandem and multi-transmitter and/or
receiver operation
• CE compliant
Systems-US-Sales@lairdtech.com
+1.724.962.3571
+1.760.737.7800
Systems-CDN-Sales@lairdtech.com
+1.514.908.1659
Systems-EU-Sales@lairdtech.com
+49.2161.6363.0
Systems-UK-Sales@lairdtech.com
+44.0.1932.247.511
Systems-CN-Sales@lairdtech.com
+86.21.3120.0188
Systems-SA-Sales@lairdtech.com
+27.11.425.1123
Systems-BR-Sales@lairdtech.com
+55.19.3243.7803
www.lairdtech.com


Similar Part No. - MMCU4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMC ETC-MMC Datasheet
248Kb / 1P
   EM Clutch
logo
Teledyne Technologies I...
MMC TELEDYNE-MMC Datasheet
522Kb / 5P
   Controlled with USB or Ethernet
logo
List of Unclassifed Man...
MMC-100E ETC-MMC-100E Datasheet
255Kb / 1P
   EM Clutch
MMC-100G ETC-MMC-100G Datasheet
255Kb / 1P
   EM Clutch
MMC-10E ETC-MMC-10E Datasheet
248Kb / 1P
   EM Clutch
More results

Similar Description - MMCU4

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CCM12 LSTD-CCM12 Datasheet
205Kb / 2P
   Operates in many radio frequencies for worldwide deployment
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
   Worldwide Medical Approvals
AEM60 XPPOWER-AEM60 Datasheet
143Kb / 2P
   Worldwide Medical Approvals
logo
FSP TECHNOLOGY INC.
FSP042-2K30M1 FSP-FSP042-2K30M1 Datasheet
144Kb / 1P
   Medical and ITE approvals
FSP042-2K50M1 FSP-FSP042-2K50M1 Datasheet
116Kb / 1P
   Medical and ITE approvals
FSP042-3K90M1 FSP-FSP042-3K90M1 Datasheet
116Kb / 1P
   Medical and ITE approvals
FSP100-1K31M1 FSP-FSP100-1K31M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP060-1K30M1 FSP-FSP060-1K30M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP060-1K40M1 FSP-FSP060-1K40M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP060-3K10M1 FSP-FSP060-3K10M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com