Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM2002IP Datasheet(PDF) 9 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 9 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 5Page - SMSC Corporation COM2002IP Datasheet HTML 6Page - SMSC Corporation COM2002IP Datasheet HTML 7Page - SMSC Corporation COM2002IP Datasheet HTML 8Page - SMSC Corporation COM2002IP Datasheet HTML 9Page - SMSC Corporation COM2002IP Datasheet HTML 10Page - SMSC Corporation COM2002IP Datasheet HTML 11Page - SMSC Corporation COM2002IP Datasheet HTML 12Page - SMSC Corporation COM2002IP Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
9
Selecting Clock Frequencies Above 2.5 Mbps
To realize a 5 Mbps network, an external 40 MHz
clock must be input. However, since 40 MHz is
near the frequency of FM radio band, it is not
practical for use for noise emission reasons.
Therefore,
higher
frequency
clocks
are
generated from the 20 MHz crystal as selected
through
two
bits
in
the
Setup2
register,
CKUP[1,0] as shown below. The selected clock
is supplied to the ARCNET controller.
CKUP1
CKUP0
CLOCK FREQUENCY (DATA RATE)
0
0
20 MHz (Up to 2.5Mbps) Default (Bypass)
0
1
40 MHz (Up to 5Mbps)
1
0
Reserved
1
1
Reserved
This clock multiplier is powered-down (bypassed)
on default. After changing the CKUP1 and
CKUP0 bits, the ARCNET core operation is
stopped and the internal PLL in the clock
generator is awakened and it starts to generate
the 40 MHz. The lock out time of the internal PLL
is 8uSec typically. After more than 8
"sec (this
wait time is defined as 1 msec in this data sheet),
it is necessary to write command data '18H' to
the command register to re-start the ARCNET
core operation.
This clock generator is called
“clock multiplier”.
Changing the CKUP1 and CKUP0 bits must be
one time or less after releasing hardware reset.
The EF bit in the SETUP2 register must be set
when the data rate is over 5 Mbps.
NETWORK RECONFIGURATION
A significant advantage of the COM20020 is its
ability to adapt to changes on the network.
Whenever a new node is activated or deactivated,
a NETWORK RECONFIGURATION is performed.
When a new COM20020 is turned on (creating a
new
active node on the network), or if the
COM20020 has not received an INVITATION TO
TRANSMIT for 420mS, or if a software reset
occurs, the COM20020 causes a NETWORK
RECONFIGURATION
by
sending
a
RECONFIGURE
BURST
consisting
of
eight
marks and one space repeated 765 times. The
purpose of this burst is to terminate all activity on
the network. Since this burst is longer than any
other type of transmission, the burst will interfere
with the next
INVITATION TO
TRANSMIT, destroy the token and keep any other
node from assuming control of the line.
When any COM20020 senses an idle line for
greater than 41
"S, which occurs only when the
token Is lost, each COM20020 starts an internal
timeout equal to 73
"s times the quantity 255
minus its own ID. The COM20020 starts network
reconfiguration by sending an invitation to transmit
first to itself and then to all other nodes by
decrementing the destination Node ID.
If the
timeout
expires
with
no
line
activity,
the
COM20020
starts
sending
INVITATION
TO
TRANSMIT with the Destination ID (DID) equal to
the currently stored NID. Within a given network,
only one COM20020 will timeout (the one with the
highest
ID
number).
After
sending
the
INVITATION TO TRANSMIT, the COM20020
waits for activity on the line. If there is no activity
for 37.4
"S, the COM20020 increments the NID
value and transmits another INVITATION TO
TRANSMIT using the NID equal to the DID.
If
activity
appears
before
the
37.4
"S timeout
expires, the COM20020 releases control of the
line.
During NETWORK RECONFIGURATION,
INVITATIONS TO TRANSMIT are sent to all NIDs
(1-255).
Each COM20020 on the network will finally have
saved a NID value equal to the ID of the
COM20020 that it released control to. At this
point, control is passed directly from one node to
the next with no wasted INVITATIONS TO
TRANSMIT being sent to ID's not on the network,
until the next NETWORK RECONFIGURATION
occurs. When a node is powered off, the previous
node attempts to pass the token to it by issuing an


Similar Part No. - COM2002IP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20020 SMSC-COM20020 Datasheet
536Kb / 82P
   Universal Local Area Network Controller with 2K x 8 On-Board RAM
COM20020-5 SMSC-COM20020-5 Datasheet
250Kb / 58P
   Universal Local Area Network Controller with 2K x 8 On-Board RAM
COM20020D SMSC-COM20020D Datasheet
241Kb / 72P
   ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
More results

Similar Description - COM2002IP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20020D SMSC-COM20020D Datasheet
241Kb / 72P
   ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
COM20020 SMSC-COM20020_00 Datasheet
536Kb / 82P
   Universal Local Area Network Controller with 2K x 8 On-Board RAM
COM20020-5 SMSC-COM20020-5 Datasheet
250Kb / 58P
   Universal Local Area Network Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
   Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019 SMSC-COM20019 Datasheet
454Kb / 81P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I_06 Datasheet
392Kb / 65P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
logo
Stanford Microdevices
COM9026 STANFORD-COM9026 Datasheet
1Mb / 12P
   LOCAL AREA NETWORK CONTROLLER LANC-TM
logo
SMSC Corporation
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com