Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZT6 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # ZT6
Description  Reliable solid state operation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

ZT6 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  ZT6 Datasheet HTML 1Page - Laird Tech Smart Technology ZT6 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
ZT Series ZT6,12,F1,4040
Thermoelectric Module
Americas: +1 888.246.9050
Europe: +46.31.704.67.57
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
SuffIx ThIckneSS
flaTneSS &
ParallelISm
hoT face cold face lead lengTh
Ta
0.154” +/- 0.001”
0.001” / 0.001”
lapped
lapped
8.0”
TB
0.154” +/- 0.0005”
0.0005” / 0.0005” lapped
lapped
8.0”
FeaTureS
• Hightemperaturedifferential
• Precisetemperaturecontrol
• Reliablesolidstateoperation
• Nosoundorvibration
• DCoperation
• RoHScompliant
applicaTionS
• Analyticalinstrumentation
• Clinicaldiagnostics
• Photonicslasersystems
• Electronicenclosurecooling
• Foodandbeveragecooling
• Chillers(liquidcooling)
TheZTSeriesisahighperformancethermoelectricmodule(TEM).Themoduleisassembledwith
premiumBismuthTelluridesemiconductormaterialthatachievesahighertemperaturedifferential
thanstandardsinglestageTEMs.
Thisproductlineisavailableinmultipleconfigurationsandisidealforapplicationsthatrequireto
reachcoldtemperatures.AssembledwithtopgradeBismuthTelluridesemiconductormaterialand
thermallyconductiveAluminumOxideceramics,theZTSeriesisdesignedforhighercurrentand
largerheat-pumpingapplications.
Performance SPecIfIcaTIonS
Hotsidetemperature(°C)
25
Qmax(watts)
55.0
DeltaTmax(°C)
74
Imax(amps)
6.0
Vmax(volts)
15.4
Moduleresistance(ohms)
2.21
SuffIx SealanT
color
TemP range deScrIPTIon
rT
rTV
White
-60to204°C
Non-corrosive,siliconeadhesivesealant
eP
Epoxy
Black
-55to150°C
Lowdensitysyntacticfoamepoxyencapsulant
Sealing opTion


Similar Part No. - ZT6

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZT60-522 LAMBDA-ZT60-522 Datasheet
152Kb / 2P
   Triple output 30W ~ 170W
ZT60-525 LAMBDA-ZT60-525 Datasheet
152Kb / 2P
   Triple output 30W ~ 170W
ZT60-5FF LAMBDA-ZT60-5FF Datasheet
152Kb / 2P
   Triple output 30W ~ 170W
logo
EUROQUARTZ limited
ZT600 EUROQUARTZ-ZT600 Datasheet
77Kb / 1P
   Tight Temperature Stability
ZT620 EUROQUARTZ-ZT620 Datasheet
79Kb / 1P
   Standard Package, Tight Staility/Low Noise
More results

Similar Description - ZT6

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
OT08 LSTD-OT08 Datasheet
802Kb / 2P
   Reliable solid state operation
AA-040-12-22 LSTD-AA-040-12-22 Datasheet
934Kb / 2P
   Reliable solid-state operation
PT6 LSTD-PT6 Datasheet
609Kb / 2P
   Reliable Solid State Operation
DL-120-24-00-00-00 LSTD-DL-120-24-00-00-00 Datasheet
232Kb / 4P
   Reliable solid-state operation
AA-200-24-22 LSTD-AA-200-24-22 Datasheet
959Kb / 2P
   Reliable solid-state operation
OT20 LSTD-OT20 Datasheet
604Kb / 2P
   Reliable solid state operation
SH14 LSTD-SH14 Datasheet
516Kb / 2P
   Reliable solid state operation
MRC150 LSTD-MRC150 Datasheet
738Kb / 2P
   Reliable Solid State Operation
UT11 LSTD-UT11 Datasheet
628Kb / 2P
   Reliable solid state operation
ZT7 LSTD-ZT7 Datasheet
540Kb / 2P
   Reliable solid state operation
MS2 LSTD-MS2 Datasheet
549Kb / 2P
   Reliable solid state operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com