Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF1218DR-071M Datasheet(PDF) 5 Page - YAGEO Corporation

Part # AF1218DR-071M
Description  ANTI-SULFURATED CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF1218DR-071M Datasheet(HTML) 5 Page - YAGEO Corporation

  AF1218DR-071M Datasheet HTML 1Page - YAGEO Corporation AF1218DR-071M Datasheet HTML 2Page - YAGEO Corporation AF1218DR-071M Datasheet HTML 3Page - YAGEO Corporation AF1218DR-071M Datasheet HTML 4Page - YAGEO Corporation AF1218DR-071M Datasheet HTML 5Page - YAGEO Corporation AF1218DR-071M Datasheet HTML 6Page - YAGEO Corporation AF1218DR-071M Datasheet HTML 7Page - YAGEO Corporation AF1218DR-071M Datasheet HTML 8Page - YAGEO Corporation AF1218DR-071M Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jun. 21, 2016 V.5
Product specification
5
9
SERIES
AF
0201 to 2512
TYPE
RESISTANCE RANGE
CHARACTERISTICS
Operating
Temperature
Range
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstanding
Voltage
Temperature Coefficient
of Resistance
Jumper
Criteria
AF0201
±5% (E24),
1Ωto 10MΩ
±0.5%, ±1% (E24/E96),
1Ω to 10MΩ
Zero Ohm Jumper < 0.05Ω
–55 °C to +155 °C
25 V
50 V
50 V
1Ω≤ R ≤10Ω, -100/+350 ppm/°C
10Ω<R ≤ 10MΩ, ±200 ppm/°C
Rated Current
0.5A
Max. Current
1.0A
AF0402
±5% (E24),
1 Ω to 22 MΩ
± 0.5%, ±1% (E24/E96),
1 Ω to 10 MΩ
Zero Ohm Jumper < 0.05 Ω
50 V
100 V
100 V
1 Ω≤ R ≤ 10 Ω, ±200 ppm/°C
10 Ω< R ≤ 10 MΩ, ±100 ppm/°C
10 MΩ< R ≤ 22 MΩ, ±200 ppm/°C
Rated Current
1.0A
Max. Current
2.0A
AF0603
75 V
150 V
150 V
AF0805
150 V
300 V
300 V
Rated Current
2.0A
Max. Current
5.0A
AF1206
200 V
400 V
500 V
Rated Current
2.0A
Max. Current
10.0A
AF1210
± 5% (E24),
1Ω to 10MΩ
± 0.5%, ± 1% (E24/E96),
1Ω to 10M
Zero Ohm Jumper < 0.05Ω
200 V
500 V
500 V
1Ω≤ R≤ 10Ω, ±200 ppm/°C
10Ω<R ≤ 10MΩ, ±100 ppm/°C
Rated Current
2.0A
Max. Current
10.0A
AF1218
± 5% (E24),
1Ω to 1MΩ
± 0.5%, ± 1% (E24/E96),
1Ω to 1M
Zero Ohm Jumper < 0.05Ω
200 V
500 V
500 V
Rated Current
2.0A
Max. Current
10.0A
AF2010
± 5% (E24),
1Ω to 10MΩ
± 0.5%, ± 1% (E24/E96),
1Ω to 10M
Zero Ohm Jumper < 0.05Ω
200 V
500 V
500 V
Rated Current
2.0A
Max. Current
10.0A
AF2512
200V
500V
500V
ELECTRICAL CHARACTERISTICS
Table 2


Similar Part No. - AF1218DR-071M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF1206F1.50TM ETC2-AF1206F1.50TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
AF1206F1.60TM ETC2-AF1206F1.60TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
AF1206F10.0TM ETC2-AF1206F10.0TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
AF1206F12.0TM ETC2-AF1206F12.0TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
AF1206F15.0TM ETC2-AF1206F15.0TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
More results

Similar Description - AF1218DR-071M

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com