Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C43682-7AC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C43682-7AC
Description  1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C43682-7AC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C43682-7AC Datasheet HTML 7Page - Cypress Semiconductor CY7C43682-7AC Datasheet HTML 8Page - Cypress Semiconductor CY7C43682-7AC Datasheet HTML 9Page - Cypress Semiconductor CY7C43682-7AC Datasheet HTML 10Page - Cypress Semiconductor CY7C43682-7AC Datasheet HTML 11Page - Cypress Semiconductor CY7C43682-7AC Datasheet HTML 12Page - Cypress Semiconductor CY7C43682-7AC Datasheet HTML 13Page - Cypress Semiconductor CY7C43682-7AC Datasheet HTML 14Page - Cypress Semiconductor CY7C43682-7AC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
CY7C43642
CY7C43662
CY7C43682
Document #: 38-06019 Rev. *B
Page 11 of 30
AC Test Loads and Waveforms (-10 and -15)
AC Test Loads and Waveforms (-7)
3.0V
5V
OUTPUT
R2 = 680
CL = 30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
ALL INPUT PULSES
R1 = 1.1k
3.0V
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
ALL INPUT PULSES
I/O
50
VCC/2
Z0 = 50
Switching Characteristics Over the Operating Range
Parameter
Description
CY7C43642/62/82
-7
CY7C43642/62/82
-10
CY7C43642/62/82
-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
fS
Clock Frequency, CLKA or CLKB
133
100
67
MHz
tCLK
Clock Cycle Time, CLKA or CLKB
7.5
10
15
ns
tCLKH
Pulse Duration, CLKA or CLKB HIGH
3.5
4
6
ns
tCLKL
Pulse Duration, CLKA or CLKB LOW
3.5
4
6
ns
tDS
Set-up Time, A0–35 before CLKA↑ and B0–35
before CLKB
3
4
5
ns
tENS
Set-up Time, CSA, W/RA, ENA, and MBA before
CLKA
↑; CSB, W/RB, ENB, and MBB before
CLKB
3
4
5
ns
tRSTS
Set-up Time, RST1, RST2, RT1 or RT2 LOW
before CLKA
↑ or CLKB↑[17]
2.5
4
5
ns
tFSS
Set-up Time, FS0 and FS1 before RST1 and
RST2 HIGH
6
7
7.5
ns
tSDS
Set-up Time, FS0 before CLKA
3
4
5
ns
tSENS
Set-up Time, FS1 before CLKA
3
4
5
ns
tFWS
Set-up Time, FWFT before CLKA
0
0
0
ns
tDH
Hold Time, A0–35 after CLKA↑ and B0–35 after
CLKB
0
0
0
ns
tENH
Hold Time, CSA, W/RA, ENA, and MBA after
CLKA
↑; CSB, W/RB, ENB, and MBB after
CLKB
0
0
0
ns
tRSTH
Hold Time, RST1, RST2, RT1 or RT2 LOW after
CLKA
↑ or CLKB↑[17]
1
2
4
ns
tFSH
Hold Time, FS0 and FS1 after RST1 and RST2
HIGH
1
1
2
ns
tSDH
Hold Time, FS0 after CLKA
0
0
0
ns
tSENH
Hold Time, FS1 after CLKA
0
0
0
ns
Note:
17. Skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship between the CLKA cycle and the CLKB
cycle.


Similar Part No. - CY7C43682-7AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C43682AV CYPRESS-CY7C43682AV Datasheet
482Kb / 30P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43682AV-10AC CYPRESS-CY7C43682AV-10AC Datasheet
482Kb / 30P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43682AV-10AI CYPRESS-CY7C43682AV-10AI Datasheet
482Kb / 30P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43682AV-15AC CYPRESS-CY7C43682AV-15AC Datasheet
482Kb / 30P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43682AV-7AC CYPRESS-CY7C43682AV-7AC Datasheet
482Kb / 30P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
More results

Similar Description - CY7C43682-7AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C43642AV CYPRESS-CY7C43642AV Datasheet
482Kb / 30P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43644AV CYPRESS-CY7C43644AV Datasheet
653Kb / 37P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO with Bus Matching
CY7C43644 CYPRESS-CY7C43644 Datasheet
651Kb / 39P
   1K/4K x36 x2 Bidirectional Synchronous FIFO with Bus Matching
CY7C43646 CYPRESS-CY7C43646 Datasheet
640Kb / 39P
   1K/4K/16K x36/x18/x2 Tri Bus FIFO
CY7C43643 CYPRESS-CY7C43643 Datasheet
487Kb / 29P
   1K/4K/16K x36 Unidirectional Synchronous FIFO with Bus Matching
CY7C43663AV CYPRESS-CY7C43663AV Datasheet
481Kb / 28P
   3.3V 1K/4K/16K x36 Unidirectional Synchronous FIFO with Bus Matching
CY7C43646AV CYPRESS-CY7C43646AV Datasheet
644Kb / 40P
   3.3V 1K 4K 16K x 36 x 18 x 2 Tri Bus FIFO
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com