Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC-08HN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # DAC-08HN
Description  8-bit high-speed multiplying D/A converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC-08HN Datasheet(HTML) 5 Page - NXP Semiconductors

  DAC-08HN Datasheet HTML 1Page - NXP Semiconductors DAC-08HN Datasheet HTML 2Page - NXP Semiconductors DAC-08HN Datasheet HTML 3Page - NXP Semiconductors DAC-08HN Datasheet HTML 4Page - NXP Semiconductors DAC-08HN Datasheet HTML 5Page - NXP Semiconductors DAC-08HN Datasheet HTML 6Page - NXP Semiconductors DAC-08HN Datasheet HTML 7Page - NXP Semiconductors DAC-08HN Datasheet HTML 8Page - NXP Semiconductors DAC-08HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product data
DAC-08 Series
8-bit high-speed multiplying D/A converter
2001 Aug 03
5
DC ELECTRICAL CHARACTERISTICS (Continued)
Pin 3 must be at least 3 V more negative than the potential to which R15 is returned. VCC = +15 V, IREF = 2.0 mA.
Output characteristics refer to both IOUT and IOUT, unless otherwise noted. Tamb = 0 °C to 70 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
DAC-08H
UNIT
Min
Typ
Max
Resolution
8
8
8
Bits
Monotonicity
8
8
8
Bits
Relative accuracy
Over temperature range
±0.1
%FS
Differential non-linearity
±0.19
%FS
TCIFS
Full-scale tempco
±10
±50
ppm/
°C
VOC
Output voltage compliance
Full-scale current change 1/2LSB
–10
+18
V
IFS4
Full-scale current
VREF = 10.000 V, R14, R15 = 5.000 kΩ
1.984
1.992
2.000
mA
IFSS
Full-scale symmetry
IFS4–IFS2
±1.0
±4.0
µA
IZS
Zero-scale current
0.2
1.0
µA
IFSR
Full-scale output current range
R14, R15 = 5.000 kΩ
VREF = +15.0 V, V– = –10 V
2.1
mA
VREF=+25.0V, V–=–12V
4.2
mA
Logic input levels
VLC = 0 V
VIL
Low
0.8
V
VIH
High
2.0
V
Logic input current
VLC = 0 V
IIL
Low
VIN = –10 V to +0.8 V
–2.0
–10
µA
IIH
High
VIN = 2.0 V to 18 V
0.002
10
µA
VIS
Logic input swing
V– = –15 V
–10
+18
V
VTHR
Logic threshold range
VS = ±15 V
–10
+13.5
V
I15
Reference bias current
–1.0
–3.0
µA
dl/dt
Reference input slew rate
4.0
8.0
mA/
µs
Power supply sensitivity
IREF = 1 mA
PSSIFS+
Positive
V+ = 4.5 to 5.5 V, V– = –15 V;
V+ = 13.5 to 16.5 V, V– = –15 V
0.0003
0.01
%FS/%VS
PSIFS–
Negative
V– = –4.5 to –5.5 V, V+ = +15 V;
V– = –13.5 to –16.5 V, V+ = +15 V
0.002
0.01
%FS/%VS
Power supply current
I+
Positive
VS = ±5V IREF =1 0mA
3.1
3.8
mA
I–
Negative
VS = ±5 V, IREF = 1.0 mA
–4.3
–5.8
mA
I+
Positive
VS =+5V –15 V IREF =2 0mA
3.1
3.8
mA
I–
Negative
VS = +5 V, –15 V, IREF = 2.0 mA
–7.1
–7.8
mA
I+
Positive
VS = ±15 V IREF =2 0mA
3.2
3.8
mA
I–
Negative
VS = ±15 V, IREF = 2.0 mA
–7.2
–7.8
mA
PD
Power dissipation
±5 V, IREF = 1.0 mA
37
48
mW
+5 V, –15 V, IREF = 2.0 mA
122
136
mW
±15 V, IREF = 2.0 mA
156
174
mW


Similar Part No. - DAC-08HN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DAC-08HN ONSEMI-DAC-08HN Datasheet
141Kb / 14P
   8?묪it High?뭆peed Multiplying D/A Converter
October, 2005 ??Rev. 1
More results

Similar Description - DAC-08HN

ManufacturerPart #DatasheetDescription
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com