Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0.3PSI-D-CGRADE-MINI Datasheet(PDF) 4 Page - All Sensors Corporation

Part # 0.3PSI-D-CGRADE-MINI
Description  Miniature Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

0.3PSI-D-CGRADE-MINI Datasheet(HTML) 4 Page - All Sensors Corporation

  0.3PSI-D-CGRADE-MINI Datasheet HTML 1Page - All Sensors Corporation 0.3PSI-D-CGRADE-MINI Datasheet HTML 2Page - All Sensors Corporation 0.3PSI-D-CGRADE-MINI Datasheet HTML 3Page - All Sensors Corporation 0.3PSI-D-CGRADE-MINI Datasheet HTML 4Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Miniature C-grade Pressure Sensors
Specification Notes
note
1: All pArAmeters Are meAsured At 12.0 volt excitAtion, for the nominAl full scAle pressure And room temperAture unless
otherwise specified
. pressure meAsurements Are with positive pressure Applied to port B.
note
2: shift is relAtive to 25°c.
note
3: shift is within the first hour of excitAtion Applied to the device.
note
4: meAsured At one-hAlf full scAle rAted pressure using Best strAight line curve fit.
note
5: the voltAge Added to the offset voltAge At full scAle pressure.
Minimum
--
85
--
--
--
--
Nominal
15.0
90.0
--
--
0.5
--
Maximum
--
95
±1
±1
1.0
±2
Units
PSIA
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, absolute pressure
Output Span, note 5
Offset Voltage @ zero absolute pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
85
--
--
--
--
Nominal
30.0
90.0
--
--
0.5
--
Maximum
--
95
±1
±1
1.0
±2
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, gage pressure
Output Span, note 5
Offset Voltage @ zero pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
95
--
--
--
--
Nominal
100.0
100.0
--
--
0.5
--
Maximum
--
105
±1
±1
1.0
±2
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, gage pressure
Output Span, note 5
Offset Voltage @ zero pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Pressure Response: for any pressure applied the response time to get to 90% of pressure applied is typically less
than 100 useconds.
Minimum
--
85
--
--
--
--
Nominal
30.0
90.0
--
--
0.5
--
Maximum
--
95
±1
±1
1.0
±2
Units
PSIA
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, absolute pressure
Output Span, note 5
Offset Voltage @ zero absolute pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Performance Characteristics for 30 PSI-A-CGRADE-MINI
Performance Characteristics for 15 PSI-A-CGRADE-MINI
Performance Characteristics for 30 PSI-G-CGRADE-MINI
Performance Characteristics for 100 PSI-G-CGRADE-MINI


Similar Part No. - 0.3PSI-D-CGRADE-MINI

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
0.3PSI-D-4V ASC-0.3PSI-D-4V Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
0.3PSI-D-4V-MIL ASC-0.3PSI-D-4V-MIL Datasheet
47Kb / 4P
   Military Temperature Grade
0.3PSI-D-4V-PRIME ASC-0.3PSI-D-4V-PRIME Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
0.3PSI-D-HGRADE-MINI ASC-0.3PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
0.3PSI-D-HGRADE-MINI ASC-0.3PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
More results

Similar Description - 0.3PSI-D-CGRADE-MINI

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
PSI-GF-HGRADE-MINI ASC-PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0110 ASC-DS-0110 Datasheet
664Kb / 5P
   Miniature Pressure Sensors
5PSI-D-CGRADE-MINI ASC-5PSI-D-CGRADE-MINI Datasheet
174Kb / 4P
   Miniature Pressure Sensors
15PSI-A-HGRADE-MINI ASC-15PSI-A-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
5PSI-D-HGRADE-MINI ASC-5PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
15PSI-AF-HGRADE-MINI ASC-15PSI-AF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
5PSI-GF-HGRADE-MINI ASC-5PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com