Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15PSI-D-HGRADE-MINI Datasheet(PDF) 2 Page - All Sensors Corporation

Part # 15PSI-D-HGRADE-MINI
Description  Miniature Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

15PSI-D-HGRADE-MINI Datasheet(HTML) 2 Page - All Sensors Corporation

  15PSI-D-HGRADE-MINI Datasheet HTML 1Page - All Sensors Corporation 15PSI-D-HGRADE-MINI Datasheet HTML 2Page - All Sensors Corporation 15PSI-D-HGRADE-MINI Datasheet HTML 3Page - All Sensors Corporation 15PSI-D-HGRADE-MINI Datasheet HTML 4Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Miniature H-grade Pressure Sensors
Minimum
--
24
--
--
--
--
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-50°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-50°C), note 2
Nominal
4.0
25
--
--
0.25
--
Maximum
--
26
±0.5
±0.5
0.5
±1
Units
“H2O
mV
mV
mV
%fs
%fs
Minimum
--
19
--
--
--
--
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Nominal
10.0
20
--
--
0.25
--
Maximum
--
21
±0.5
±0.5
0.5
±1
Units
“H2O
mV
mV
mV
%fs
%fs
Supply Supply Voltage VS
Common-mode pressure
Lead Temperature
(soldering 2-4 sec.)
16 Vdc
50 psig
250°C
Pressure Sensor Characteristics Maximum Ratings
Temperature Ranges
Compensated
Operating
Storage
Humidity Limits
0 to (50)70° C
-25 to 85° C
-40 to 125° C
0 to 95% RH
(non condensing)
Environmental Specifications
Standard Pressure Ranges
Performance Characteristics for 4 INCH-G-HGRADE-MINI
Performance Characteristics for 10 INCH-G-HGRADE-MINI
Operating Pressure
0 - 4 “H2O
0 - 0.3 PSI
0 - 10 “H2O
0 - 1 PSI
0 - 5 PSI
0 - 15 PSIA
0-15 PSI
0 -30 PSIA
0-30 PSI
0-100 PSI
No Prssure Port
Part Number
4 INCH-G-HGRADE-MINI
0.3 PSI-G-HGRADE-MINI
10 INCH-G-HGRADE-MINI
1 PSI-G-HGRADE-MINI
5 PSI-G-HGRADE-MINI
15 PSI-A-HGRADE-MINI
15 PSI-G-HGRADE-MINI
30 PSI-A-HGRADE-MINI
30 PSI-G-HGRADE-MINI
100 PSI-G-HGRADE-MINI
Single Pressure Port
Part Number
4 INCH-GF-HGRADE-MINI
0.3 PSI-GF-HGRADE-MINI
10 INCH-GF-HGRADE-MINI
1 PSI-GF-HGRADE-MINI
5 PSI-GF-HGRADE-MINI
15 PSI-AF-HGRADE-MINI
15 PSI-GF-HGRADE-MINI
30 PSI-AF-HGRADE-MINI
30 PSI-GF-HGRADE-MINI
100 PSI-GF-HGRADE-MINI
Dual Pressure Port
Part Number
4 INCH-D-HGRADE-MINI
0.3 PSI-D-HGRADE-MINI
10 INCH-D-HGRADE-MINI
1 PSI-D-HGRADE-MINI
5 PSI-D-HGRADE-MINI
15 PSI-D-HGRADE-MINI
30 PSI-D-HGRADE-MINI
Proof Pressure
3 PSI
3 PSI
5 PSI
10 PSI
20 PSI
60 PSI
60 PSI
60 PSI
60 PSI
150 PSI


Similar Part No. - 15PSI-D-HGRADE-MINI

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
15PSI-D-HGRADE-MINI ASC-15PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
15PSI-D-HGRADE-MINI ASC-15PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
15PSI-D-HGRADE-MINI ASC-15PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
More results

Similar Description - 15PSI-D-HGRADE-MINI

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
PSI-GF-HGRADE-MINI ASC-PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0110 ASC-DS-0110 Datasheet
664Kb / 5P
   Miniature Pressure Sensors
5PSI-D-CGRADE-MINI ASC-5PSI-D-CGRADE-MINI Datasheet
174Kb / 4P
   Miniature Pressure Sensors
5PSI-G-CGRADE-MINI ASC-5PSI-G-CGRADE-MINI Datasheet
174Kb / 4P
   Miniature Pressure Sensors
15PSI-A-HGRADE-MINI ASC-15PSI-A-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
15PSI-AF-HGRADE-MINI ASC-15PSI-AF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
5PSI-GF-HGRADE-MINI ASC-5PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com