Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C43682AV-15AC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C43682AV-15AC
Description  3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C43682AV-15AC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C43682AV-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 9Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 10Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 11Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 12Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
CY7C43642AV
CY7C43662AV
CY7C43682AV
Document #: 38-06020 Rev. *C
Page 9 of 30
L
L
H
L
Active, FIFO2 output register
FIFO2 Read
L
L
L
H
X
Active, Mail2 register
None
L
L
H
H
Active, Mail2 register
Mail2 Read (set MBF2 HIGH)
Table 3. Port B Enable Function
CSB
W/RB
ENB
MBB
CLKB
B0–35
Port Function
H
X
X
X
X
In high-impedance state
None
L
L
L
X
X
In high-impedance state
None
L
L
H
L
In high-impedance state
FIFO2 Write
L
L
H
H
In high-impedance state
Mail2 Write
L
H
L
L
X
Active, FIFO1 output register
None
L
H
H
L
Active, FIFO1 output register
FIFO1 Read
L
H
L
H
X
Active, Mail1 register
None
L
H
H
H
Active, Mail1 register
Mail1 Read (set MBF1 HIGH)
Table 4. FIFO1 Flag Operation (CY Standard and FWFT Modes)
Number of Words in FIFO Memory[1, 4, 5, 6, 7]
Synchronized to CLKB
Synchronized to CLKA
CY7C43642AV
CY7C43662AV
CY7C43682AV
EFB/ORB
AEB
AFA
FFA/IRA
0
0
0
L
L
H
H
1 to X1
1 to X1
1 to X1
H
L
H
H
(X1 + 1) to [1024 –
(Y1 + 1)]
(X1+1) to [4096 –
(Y1 + 1)]
(X1 + 1) to [16384 –
(Y1 + 1)]
HH
H
H
(1024 – Y1) to
1023
(4096 – Y1) to
4095
(16384 – Y1) to
16383
HH
L
H
1024
4096
16384
H
H
L
L
Table 5. FIFO2 Flag Operation (CY Standard and FWFT modes)
Number of Words in FIFO Memory[1, 5, 6, 8, 9]
Synchronized to CLKA
Synchronized to CLKB
CY7C43642AV
CY7C43662AV
CY7C43682AV
EFA/ORA
AEA
AFB
FFB/IRB
0
0
0
L
L
H
H
1 to X2
1 to X2
1 to X2
H
L
H
H
(X2 + 1) to [1024 –
(Y2 + 1)]
(X2 + 1) to [4096 –
(Y2+1)]
(X2 + 1) to [16384 –
(Y2 + 1)]
HHHH
(1024 – Y2) to 1023 (4096 – Y2) to 4095 (16384 – Y2) to
16383
HH
L
H
1024
4096
16384
H
H
L
L
Notes:
4.
X1 is the almost-empty offset for FIFO1 used by AEB. Y1 is the almost-full offset for FIFO1 used by AFA. Both X1 and Y1 are selected during a FIFO1 reset
or port A programming.
5.
When a word loaded to an empty FIFO is shifted to the output register, its previous FIFO memory location is free.
6.
Data in the output register does not count as a “word in FIFO memory”. Since in FWFT mode, the first word written to an empty FIFO goes unrequested to the
output register (no Read operation necessary), it is not included in the FIFO memory count.
7.
The ORB and IRA functions are active during FWFT mode; the EFB and FFA functions are active in CY Standard mode.
8.
X2 is the almost empty offset for FIFO2 used by AEA. Y2 is the almost full offset for FIFO2 used by AFB. Both X2 and Y2 are selected during a FIFO2 reset
or port A programming.
9.
The ORA and IRB functions are active during FWFT mode; the EFA and FFB functions are active in CY Standard mode.
Table 2. Port A Enable Function (continued)


Similar Part No. - CY7C43682AV-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C43682 CYPRESS-CY7C43682 Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43682-10AC CYPRESS-CY7C43682-10AC Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43682-15AC CYPRESS-CY7C43682-15AC Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43682-15AI CYPRESS-CY7C43682-15AI Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43682-7AC CYPRESS-CY7C43682-7AC Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
More results

Similar Description - CY7C43682AV-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C43642 CYPRESS-CY7C43642 Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43644AV CYPRESS-CY7C43644AV Datasheet
653Kb / 37P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO with Bus Matching
CY7C43644 CYPRESS-CY7C43644 Datasheet
651Kb / 39P
   1K/4K x36 x2 Bidirectional Synchronous FIFO with Bus Matching
CY7C43646 CYPRESS-CY7C43646 Datasheet
640Kb / 39P
   1K/4K/16K x36/x18/x2 Tri Bus FIFO
CY7C43663AV CYPRESS-CY7C43663AV Datasheet
481Kb / 28P
   3.3V 1K/4K/16K x36 Unidirectional Synchronous FIFO with Bus Matching
CY7C43643 CYPRESS-CY7C43643 Datasheet
487Kb / 29P
   1K/4K/16K x36 Unidirectional Synchronous FIFO with Bus Matching
CY7C43646AV CYPRESS-CY7C43646AV Datasheet
644Kb / 40P
   3.3V 1K 4K 16K x 36 x 18 x 2 Tri Bus FIFO
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com