Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1INCH-D-4V Datasheet(PDF) 7 Page - All Sensors Corporation

Part # 1INCH-D-4V
Description  Amplified Low Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

1INCH-D-4V Datasheet(HTML) 7 Page - All Sensors Corporation

  1INCH-D-4V Datasheet HTML 1Page - All Sensors Corporation 1INCH-D-4V Datasheet HTML 2Page - All Sensors Corporation 1INCH-D-4V Datasheet HTML 3Page - All Sensors Corporation 1INCH-D-4V Datasheet HTML 4Page - All Sensors Corporation 1INCH-D-4V Datasheet HTML 5Page - All Sensors Corporation 1INCH-D-4V Datasheet HTML 6Page - All Sensors Corporation 1INCH-D-4V Datasheet HTML 7Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
All Sensors
DS-0024 Rev C
Specification Notes
note
1: All pArAmeters Are meAsured At 5.0 volt excitAtion, for the nominAl full scAle pressure And room temperAture unless otherwise specified. pressure meAsurements Are with
positive pressure Applied to
port B.
note
2: shift is relAtive to 25°c.
note
3: shift is within the first hour of excitAtion Applied to the device.
note
4: meAsured At one-hAlf full scAle rAted pressure using Best strAight line curve fit.
note
5: the spAn is the AlgeBrAic difference Between full scAle output voltAge And the offset voltAge.
All Sensors reserves the right to make changes to any products herein. All Sensors does not assume any liability arising out of the application or use of any product or circuit described
herein, neither does it convey any license under its patent rights nor the rights of others.
Pressure Response: for any pressure applied the response time to get to 90% of pressure applied is typically less than 500 useconds.
Parameter, note 1
Operating Range, gage pressure
Output Span, note 5
Offset Voltage @ zero pressure
Offset Temperature Shift (5°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Temperature Shift (5°C-50°C), note 2
Minimum
3.9
0.15
Nominal
60.0
4.0
0.25
±5
±5
±5
0.05
Maximum
4.1
0.35
±20
0.25
±1
Units
inH2O
V
V
mV
mV
mV
mV
%FSS
%FSS
Performance Characteristics for 60 INCH-G-4V
Parameter, note 1
Operating Range, gage pressure
Output Span, note 5
Offset Voltage @ zero pressure
Offset Temperature Shift (5°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Temperature Shift (5°C-50°C), note 2
Minimum
3.9
0.15
Nominal
40.0
4.0
0.25
±5
±5
±5
0.05
Maximum
4.1
0.35
±20
0.25
±1
Units
inH2O
V
V
mV
mV
mV
mV
%FSS
%FSS
Performance Characteristics for 40 INCH-G-4V


Similar Part No. - 1INCH-D-4V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1INCH-D-4V ETC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
More results

Similar Description - 1INCH-D-4V

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00243 ASC-DS-00243 Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-G-4V ASC-5INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
1INCH-G-4V ASC-1INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-D-4V ASC-5INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0024 ASC-DS-0024 Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
List of Unclassifed Man...
1NCH-G-4V ETC-1NCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
Sensortechnics GmbH
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com