Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD18200 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMD18200
Description  3A, 55V H-Bridge
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMD18200 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMD18200 Datasheet HTML 4Page - National Semiconductor (TI) LMD18200 Datasheet HTML 5Page - National Semiconductor (TI) LMD18200 Datasheet HTML 6Page - National Semiconductor (TI) LMD18200 Datasheet HTML 7Page - National Semiconductor (TI) LMD18200 Datasheet HTML 8Page - National Semiconductor (TI) LMD18200 Datasheet HTML 9Page - National Semiconductor (TI) LMD18200 Datasheet HTML 10Page - National Semiconductor (TI) LMD18200 Datasheet HTML 11Page - National Semiconductor (TI) LMD18200 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application Information (Continued)
INTERNAL CHARGE PUMP AND USE OF BOOTSTRAP
CAPACITORS
To turn on the high-side (sourcing) DMOS power devices,
the gate of each device must be driven approximately 8V
more positive than the supply voltage. To achieve this an in-
ternal charge pump is used to provide the gate drive voltage.
As shown in
Figure 5, an internal capacitor is alternately
switched to ground and charged to about 14V, then switched
to V supply thereby providing a gate drive voltage greater
than V supply. This switching action is controlled by a con-
tinuously running internal 300 kHz oscillator. The rise time of
this drive voltage is typically 20 µs which is suitable for oper-
ating frequencies up to 1 kHz.
For higher switching frequencies, the LMD18200 provides
for the use of external bootstrap capacitors. The bootstrap
principle is in essence a second charge pump whereby a
large value capacitor is used which has enough energy to
quickly charge the parasitic gate input capacitance of the
power device resulting in much faster rise times. The switch-
ing action is accomplished by the power switches them-
selves
Figure 6. External 10 nF capacitors, connected from
the outputs to the bootstrap pins of each high-side switch
provide typically less than 100 ns rise times allowing switch-
ing frequencies up to 500 kHz.
INTERNAL PROTECTION DIODES
A major consideration when switching current through induc-
tive loads is protection of the switching power devices from
the large voltage transients that occur. Each of the four
switches in the LMD18200 have a built-in protection diode to
clamp transient voltages exceeding the positive supply or
ground to a safe diode voltage drop across the switch.
The reverse recovery characteristics of these diodes, once
the transient has subsided, is important. These diodes must
come out of conduction quickly and the power switches must
be able to conduct the additional reverse recovery current of
the diodes. The reverse recovery time of the diodes protect-
ing the sourcing power devices is typically only 70 ns with a
reverse recovery current of 1A when tested with a full 6A of
forward current through the diode. For the sinking devices
the recovery time is typically 100 ns with 4A of reverse cur-
rent under the same conditions.
Typical Applications
FIXED OFF-TIME CONTROL
This circuit controls the current through the motor by apply-
ing an average voltage equal to zero to the motor terminals
for a fixed period of time, whenever the current through the
motor exceeds the commanded current. This action causes
the motor current to vary slightly about an externally con-
trolled average level. The duration of the Off-period is ad-
justed by the resistor and capacitor combination of the
LM555. In this circuit the Sign/Magnitude mode of operation
is implemented (see Types of PWM Signals).
DS010568-6
FIGURE 5. Internal Charge Pump Circuitry
DS010568-7
FIGURE 6. Bootstrap Circuitry
www.national.com
8


Similar Part No. - LMD18200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18200 NSC-LMD18200 Datasheet
877Kb / 14P
   3A, 55V H-Bridge
logo
Texas Instruments
LMD18200 TI-LMD18200 Datasheet
664Kb / 20P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200-2D-QV NSC-LMD18200-2D-QV Datasheet
877Kb / 14P
   3A, 55V H-Bridge
LMD18200-2D/883 NSC-LMD18200-2D/883 Datasheet
877Kb / 14P
   3A, 55V H-Bridge
logo
Texas Instruments
LMD18200-2D/883 TI1-LMD18200-2D/883 Datasheet
340Kb / 18P
[Old version datasheet]   2.4A, 55V H-Bridge
More results

Similar Description - LMD18200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
   3A, 55V H-Bridge
logo
Texas Instruments
LMD18200 TI-LMD18200_15 Datasheet
664Kb / 20P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18201 NSC-LMD18201 Datasheet
261Kb / 8P
   3A, 55V H-Bridge
LMD18200 NSC-LMD18200_05 Datasheet
877Kb / 14P
   3A, 55V H-Bridge
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
   3A, 55V DMOS H-BRIDGE
logo
Texas Instruments
LMD18200 TI-LMD18200_13 Datasheet
689Kb / 19P
[Old version datasheet]   LMD18200 3A, 55V H-Bridge
LMD18200QML TI1-LMD18200QML Datasheet
340Kb / 18P
[Old version datasheet]   2.4A, 55V H-Bridge
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
   3A, 55V DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com