Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSF05A20 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # FSF05A20
Description  FRD - Low Forward Voltage Drop
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

FSF05A20 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  FSF05A20 Datasheet HTML 1Page - Nihon Inter Electronics Corporation FSF05A20 Datasheet HTML 2Page - Nihon Inter Electronics Corporation FSF05A20 Datasheet HTML 3Page - Nihon Inter Electronics Corporation FSF05A20 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FORWARD CURRENT VS. VOLTAGE
FSF05A20/FSF05A20B
0
0.4
0.8
1.2
1.6
2.0
2.4
INSTANTANEOUS FORWARD VOLTAGE (V)
0.5
1
2
5
10
20
50
Tj=25°C
Tj=150°C
AVERAGE FORWARD POWER DISSIPATION
0
2
4
6
8
AVERAGE FORWARD CURRENT (A)
0
1
2
3
4
5
6
7
8
FSF05A20/FSF05A20B
180°
θ
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°
RECT 60°


Similar Part No. - FSF05A20

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FSF05A20 KSS-FSF05A20 Datasheet
719Kb / 5P
   Fast Recovery Diode
logo
Nihon Inter Electronics...
FSF05A20B NIEC-FSF05A20B Datasheet
54Kb / 4P
   FRD - Low Forward Voltage Drop
logo
Kyocera Kinseki Corpota...
FSF05A20B KSS-FSF05A20B Datasheet
723Kb / 5P
   Fast Recovery Diode
logo
National Instruments Co...
FSF05A20B NI-FSF05A20B_15 Datasheet
127Kb / 1P
   FRED
FSF05A20 NI-FSF05A20_15 Datasheet
93Kb / 1P
   FRED
More results

Similar Description - FSF05A20

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSF10A40B NIEC-FSF10A40B Datasheet
54Kb / 4P
   FRD - Low Forward Voltage Drop
KCU20A60 NIEC-KCU20A60 Datasheet
45Kb / 5P
   FRD - Low Forward Voltage Drop
FSF05A40B NIEC-FSF05A40B Datasheet
54Kb / 4P
   FRD - Low Forward Voltage Drop
GSF05A40B NIEC-GSF05A40B Datasheet
52Kb / 4P
   FRD - Low Forward Voltage Drop
GSF05A60 NIEC-GSF05A60 Datasheet
51Kb / 4P
   FRD - Low Forward Voltage Drop
GSF10A40B NIEC-GSF10A40B Datasheet
52Kb / 4P
   FRD - Low Forward Voltage Drop
KCF60A20E NIEC-KCF60A20E Datasheet
44Kb / 4P
   FRD - Low Forward Voltage Drop
KCU30A30 NIEC-KCU30A30 Datasheet
59Kb / 5P
   FRD - Low Forward Voltage Drop
KSF60A60B NIEC-KSF60A60B Datasheet
43Kb / 4P
   FRD - Low Forward Voltage Drop
FCF16A40 NIEC-FCF16A40 Datasheet
53Kb / 4P
   FRD - Low Forward Voltage Drop
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com