Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SiC401DB-HC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SiC401DB-HC
Description  Selectable frequency from 200 kHz to 1 MHz with an external resistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC401DB-HC Datasheet(HTML) 2 Page - Vishay Siliconix

  SiC401DB-HC Datasheet HTML 1Page - Vishay Siliconix SiC401DB-HC Datasheet HTML 2Page - Vishay Siliconix SiC401DB-HC Datasheet HTML 3Page - Vishay Siliconix SiC401DB-HC Datasheet HTML 4Page - Vishay Siliconix SiC401DB-HC Datasheet HTML 5Page - Vishay Siliconix SiC401DB-HC Datasheet HTML 6Page - Vishay Siliconix SiC401DB-HC Datasheet HTML 7Page - Vishay Siliconix SiC401DB-HC Datasheet HTML 8Page - Vishay Siliconix SiC401DB-HC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SiC401, SiC402, SiC403
www.vishay.com
Vishay Siliconix
Revision: 17-Nov-14
2
Document Number: 62923
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS
This reference board allows the end user to evaluate the
SiC401, SiC402, or the SiC403 chip for its features and all
functionalities.
It can also be a reference design for a user’s application.
CONNECTION AND SIGNAL / TEST POINTS
Power Sockets
VIN, GND (P1): Input voltage source with VIN to be positive.
Connect to a voltage source:
- SiC401A/BCD - 3 V to 17 V
- SiC402A/BCD - 3 V to 28 V
- SiC403A/BCD - 3 V to 28 V
VOUT, GND (P3): Output voltage with VOUT to be positive.
Connect to a load that draws no more than:
• SiC401A/BCD - 15 A
• SiC402A/BCD - 10 A
• SiC403A/BCD - 6 A
5 V, GND (P5): External 5 V voltage source with 5 V to be
positive. Connect to a 5 V source when this option is
selected.
SELECTION JUMPERS
Mode Select
P7: This is a 2 way header which allows the user to select
either power save mode or constant PWM mode.
OPEN - forced PWM, the pin is floating
SHORT - power save mode, the pin is at 5 V
A third option is available whereby pin 2 is shorted to 0 V to
disable the part.
UVLO Option
P8: This is a 2 way header that will enable the UVLO function
when selected. The divider resistors R1 and R2 can be
changed depending on the required turn on voltage level,
the pin requires a voltage greater than 3 V to enable.
OPEN - UVLO disabled
SHORT - UVLO enabled
VDD Select
P6: This is a 3 way header that will enable the user to select
between internal LDO and an external 5 V supply.
Position 1 - SHORT PIN 1-2 - internal LDO
Position 2 - SHORT PIN 2-3 - external 5 V
SIGNALS AND TEST LEADS
Input Voltage Sense
VIN_SENSE, GNDIN_SENSE (P2): This allows the user to
measure the voltage at the input of the regulator and remove
any losses generated due to the, connections from the
measurement. This can also be used by a power source with
sense capability.
Output Voltage Sense
VOUT_SENSE, GNDOUT_SENSE (P4): This allows the user to
measure the voltage at the output of the regulator and
remove any losses generated due to the connections, from
the measurement. This can also be used by an active load
with sense capability.
PGD (P9): Is an open drain output and is pulled up with a
10 k
Ω resistor to VIN. When FB or VOUT are within -10 % to
+20 % percent of the set voltage this pin will go HI to
indicate the output is okay. The pin will also follow EN/PSV
condition switching LO if the IC is disabled.
POWER UP PROCEDURE
To turn-on the reference board, apply 12 V to VIN with the
P6 jumper is in Position 1. If the P7 jumper is in place the
board will come up in power save mode, if not in place then
constant PWM will be observed.
When applying higher than 12 V to the input it is reasonable
to install a RC snubber from LX to GND. There are place
holders on the reference board R9 and C11 for the snubber.
Values of 10
Ω and 1 nF are a reasonable starting point.
ADJUSTMENTS TO THE REFERENCE BOARD
OUTPUT VOLTAGE ADJUSTMENT
If a different output voltage is needed, simply change the
value of VOUT and solve for R12 based on the following
formula:
Where VFB is 0.6 V for the SiC40X.
CHANGING SWITCHING FREQUENCY
The following equation illustrates the relationship between
ON-time, VIN, VOUT, and RON value:
Where k equals 1 when VDD is greater than 3.6 V. When k is
less than 3.6 V and VIN is greater than ((VDD - 1.75 V) x 10),
k is shown by the following equation:
The maximum Rton value allowed is shown:
R
12 = R13 x
V
OUT - VFB
V
FB
-----------------------------
R
tON =
k
25 pF x F
SW
---------------------------------
k =
V
DD - 1.75 V
() x 10
V
IN
----------------------------------------------------
R
tON MAX. =
V
IN min.
15 μA
------------------


Similar Part No. - SiC401DB-HC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC401DB VISHAY-SIC401DB Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC401DB VISHAY-SIC401DB Datasheet
2Mb / 30P
   15 A microBUCK짰 SiC401A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
More results

Similar Description - SiC401DB-HC

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
logo
Micronetics, Inc.
SMDM70TTL MICRONETICS-SMDM70TTL Datasheet
298Kb / 2P
   Legacy 200 kHz to 2 MHz
logo
MICORO CRYSTAL SWITZERL...
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
   From 10 kHz up to 155 MHz
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
   From 10 kHz up to 225 MHz
MCSO1 MICROCRYSTAL-MCSO1_17 Datasheet
415Kb / 2P
   From 10 kHz up to 225 MHz
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
logo
STMicroelectronics
LNBH26L STMICROELECTRONICS-LNBH26L Datasheet
944Kb / 28P
   Selectable output current limit by external resistor
March 2012 Rev 1
LNBH25 STMICROELECTRONICS-LNBH25 Datasheet
1Mb / 34P
   Selectable output current limit by external resistor
February 2012 Rev 4
LNBH30 STMICROELECTRONICS-LNBH30 Datasheet
830Kb / 27P
   Selectable output current limit by external resistor
March 2015 Rev 2
logo
KR Electronics, Inc.
3287-BNC KR-3287-BNC Datasheet
89Kb / 3P
   200 KHz Center Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com