Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R71H222KA01D Datasheet(PDF) 8 Page - Vishay Siliconix

Part # GRM155R71H222KA01D
Description  Selectable frequency from 200 kHz to 1 MHz with an external resistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GRM155R71H222KA01D Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button GRM155R71H222KA01D Datasheet HTML 2Page - Vishay Siliconix GRM155R71H222KA01D Datasheet HTML 3Page - Vishay Siliconix GRM155R71H222KA01D Datasheet HTML 4Page - Vishay Siliconix GRM155R71H222KA01D Datasheet HTML 5Page - Vishay Siliconix GRM155R71H222KA01D Datasheet HTML 6Page - Vishay Siliconix GRM155R71H222KA01D Datasheet HTML 7Page - Vishay Siliconix GRM155R71H222KA01D Datasheet HTML 8Page - Vishay Siliconix GRM155R71H222KA01D Datasheet HTML 9Page - Vishay Siliconix GRM155R71H222KA01D Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SiC401, SiC402, SiC403
www.vishay.com
Vishay Siliconix
Revision: 17-Nov-14
8
Document Number: 62923
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BILL OF MATERIAL FOR SIC401 (VIN = 12 V, VOUT = 1.5 V, FSW = 500 kHz)
ITEM
QTY
REFERENCE
PCB FOOTPRINT
VALUE
VOLTAGE
PART NUMBER
MANUFACTURER
1
2
C1, C2
1206
Omit
35 V
C3216X5R1V226M160AC
TDK
2
2
C3, C4
1206
22 μF
35 V
C3216X5R1V226M160AC
TDK
3
3
C5, C9, C12
0402
10 nF
50 V
GRM155R71H103KA88D
Murata
4
1
C6
0402
2.2 μF
10 V
C0402C225M8PACTU
Kemet
5
2
C7, C10
0402
2.2 nF
50 V
GRM155R71H222KA01D
Murata
6
1
C8
0402
100 nF
35 V
CGA2B3X7R1V104K050BB
Vishay
75
C13, C14, C15, C16,
C17
1206
47 μF
35 V
GRM31CR61A476ME15L
Murata
8
3
C18, C19, C20
1206
Omit
35 V
GRM31CR61A476ME15L
Murata
9
2
C21, C22
7343
Omit
-
-
-
10
4
P1, P3, P9, P10
Banana Jack
-
-
575-4K-ND
Keystone
11
5
P2, P4, P5, P7, P8
Header-2
-
-
826926-2
AMP (TE)
12
1
P6
Header-3
-
-
HTSW-103-08-T-S
Samtec
13
1
L1
IHLP5050
1 μH
-
IHLP5050FDER1R0
Vishay
14
1
R1
0402
249K
-
CRCW0402249KFKED
Vishay
15
1
R2
0402
100K
-
CRCW0402100KFKED
Vishay
16
1
R3
0402
169K
-
CRCW0402169KFKED
Vishay
17
1
R4
0402
30K
-
CRCW040230K0FKED
Vishay
18
1
R5
0402
5K11
-
CRCW04025K11FKED
Vishay
19
1
R6
0402
76K8
-
CRCW040276K8FKED
Vishay
20
1
R7
0402
10R
-
CRCW040210R0FKEA
Vishay
21
1
R8
0402
10K
-
CRCW040210K0FKED
Vishay
22
1
R9
0805
Omit
-
-
Vishay
23
1
R10
0402
0R
-
CRCW04020000Z0ED
Vishay
24
1
R11
0402
Omit
-
-
Vishay
25
1
R12
0402
1K54
-
CRCW04021K54FKED
Vishay
26
1
R13
0402
1K
-
CRCW0402249KFKED
Vishay
27
1
R14
0402
10R
-
CRCW040210R0FKEA
Vishay
28
1
R15
0402
10K
-
CRCW040210K0FKED
Vishay
29
1
U1
MLP55-33
SIC401
-
-
-
KEY
Only needed for reference board


Similar Part No. - GRM155R71H222KA01D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRM155R71H222KA01 ETC-GRM155R71H222KA01 Datasheet
223Kb / 13P
   High Dielectric Constant Type 6.3/16/25/50V
logo
Murata Manufacturing Co...
GRM155R71H222KA01 MURATA-GRM155R71H222KA01 Datasheet
864Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

Similar Description - GRM155R71H222KA01D

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
logo
Micronetics, Inc.
SMDM70TTL MICRONETICS-SMDM70TTL Datasheet
298Kb / 2P
   Legacy 200 kHz to 2 MHz
logo
MICORO CRYSTAL SWITZERL...
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
   From 10 kHz up to 155 MHz
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
   From 10 kHz up to 225 MHz
MCSO1 MICROCRYSTAL-MCSO1_17 Datasheet
415Kb / 2P
   From 10 kHz up to 225 MHz
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
logo
STMicroelectronics
LNBH26L STMICROELECTRONICS-LNBH26L Datasheet
944Kb / 28P
   Selectable output current limit by external resistor
March 2012 Rev 1
LNBH25 STMICROELECTRONICS-LNBH25 Datasheet
1Mb / 34P
   Selectable output current limit by external resistor
February 2012 Rev 4
LNBH30 STMICROELECTRONICS-LNBH30 Datasheet
830Kb / 27P
   Selectable output current limit by external resistor
March 2015 Rev 2
logo
KR Electronics, Inc.
3287-BNC KR-3287-BNC Datasheet
89Kb / 3P
   200 KHz Center Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com