Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61601LFCN Datasheet(PDF) 3 Page - MTRONPTI

Part # M61601LFCN
Description  5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M61601LFCN Datasheet(HTML) 3 Page - MTRONPTI

  M61601LFCN Datasheet HTML 1Page - MTRONPTI M61601LFCN Datasheet HTML 2Page - MTRONPTI M61601LFCN Datasheet HTML 3Page - MTRONPTI M61601LFCN Datasheet HTML 4Page - MTRONPTI M61601LFCN Datasheet HTML 5Page - MTRONPTI M61601LFCN Datasheet HTML 6Page - MTRONPTI M61601LFCN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
3
Phase Noise Plot
M616x Series
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave,
Precision TCXO/TCVCXO
Output Waveform (HCMOS Output)
M616x 20 MHz Phase Noise


Similar Part No. - M61601LFCN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M616Z08 STMICROELECTRONICS-M616Z08 Datasheet
95Kb / 14P
   128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
M616Z08-20MH3 STMICROELECTRONICS-M616Z08-20MH3 Datasheet
95Kb / 14P
   128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
M616Z08-20MH3TR STMICROELECTRONICS-M616Z08-20MH3TR Datasheet
95Kb / 14P
   128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
More results

Similar Description - M61601LFCN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M610X MTRONPTI-M610X Datasheet
885Kb / 7P
   M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M611X MTRONPTI-M611X Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M6027 MTRONPTI-M6027 Datasheet
237Kb / 1P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6027_0612 MTRONPTI-M6027_0612 Datasheet
264Kb / 2P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6027 MTRONPTI-M6027_07 Datasheet
346Kb / 2P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
MVX MTRONPTI-MVX Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
M61801MTCN MTRONPTI-M61801MTCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M61701STCN MTRONPTI-M61701STCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com