Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLCS5100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLCS5100
Description  Untinted non-diffused lens
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLCS5100 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLCS5100 Datasheet HTML 1Page - Vishay Siliconix TLCS5100 Datasheet HTML 2Page - Vishay Siliconix TLCS5100 Datasheet HTML 3Page - Vishay Siliconix TLCS5100 Datasheet HTML 4Page - Vishay Siliconix TLCS5100 Datasheet HTML 5Page - Vishay Siliconix TLCS5100 Datasheet HTML 6Page - Vishay Siliconix TLCS5100 Datasheet HTML 7Page - Vishay Siliconix TLCS5100 Datasheet HTML 8Page - Vishay Siliconix TLCS5100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TLCS510., TLCR510., TLCO510., TLCY510., TLCYG510., TLCPG510.
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 03-Feb-16
4
Document Number: 81346
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ± 11 %.
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on each
bag (there will be no mixing of two groups on each bag).
In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped in any one bag.
In order to ensure availability, single wavelength groups will not be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of ± 1 nm.
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
STANDARD
MIN.
MAX.
BB
430
860
CC
575
1150
DD
750
1500
EE
1000
2000
FF
1350
2700
GG
1800
3600
HH
2400
4800
II
3200
6400
KK
4300
8600
LL
5750
11 500
MM
7500
15 000
NN
10 000
20 000
PP
13 500
27 000
QQ
18 000
36 000
RR
24 000
48 000
SS
32 000
64 000
TT
43 000
86 000
UU
57 500
115 000
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
RED
SOFT ORANGE
YELLOW
YELLOW GREEN
PURE GREEN
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
0
-
-
-
-
585
588
-
-
555
559
1
611
618
-
-
587
591
-
-
558
561
2
614
622
600
603
589
594
-
-
560
563
3
-
-
602
605
592
597
-
-
562
565
4
-
-
604
607
-
-
-
-
564
567
5
-
-
606
609
-
-
565
570
-
-
6
-
-
608
611
-
-
567
572
-
-
7
-
-
-
-
-
-
569
574
-
-
8
-
-
-
-
-
-
571
576
-
-


Similar Part No. - TLCS5100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCS5100 VISHAY-TLCS5100 Datasheet
201Kb / 10P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLCS5100 VISHAY-TLCS5100 Datasheet
202Kb / 10P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
More results

Similar Description - TLCS5100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCR6200 VISHAY-TLCR6200 Datasheet
128Kb / 6P
   Untinted non-diffused lens
Rev. 1.2, 03-Mar-15
TLCR5800 VISHAY-TLCR5800_03 Datasheet
174Kb / 7P
   Ultrabright LED, ∅ 5 mm Untinted Non-Diffused
Rev. 2, 03-Apr-03
TLCY5100 VISHAY-TLCY5100 Datasheet
144Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.4, 16-Feb-05
TLCR5800 VISHAY-TLCR5800 Datasheet
174Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.5, 30-Aug-04
VLCPG5100 VISHAY-VLCPG5100 Datasheet
611Kb / 6P
   Ultrabright LED, 5 mm Untinted Non-Diffused Package
Rev. 1.2, 29-Apr-13
logo
List of Unclassifed Man...
ZD-1790 ETC-ZD-1790 Datasheet
756Kb / 5P
   Ultrabright LED, 첩 5 mm Untinted Non-Diffused
logo
Vishay Siliconix
TLHK5100 VISHAY-TLHK5100 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHF5800 VISHAY-TLHF5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK5800 VISHAY-TLHK5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHY5800 VISHAY-TLHY5800 Datasheet
101Kb / 8P
   High Efficiency LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com