Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP20J Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GPP20J
Description  Glass Passivated Junction Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GPP20J Datasheet(HTML) 1 Page - Vishay Siliconix

  GPP20J Datasheet HTML 1Page - Vishay Siliconix GPP20J Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GPP20A thru GPP20M
Vishay Semiconductors
formerly General Semiconductor
Document Number 88642
www.vishay.com
15-Mar-02
1
New Product
Glass Passivated Junction Rectifiers
Reverse Voltage
50 to 1000V
Forward Current 2.0A
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
GPP GPP GPP
GPP GPP GPP GPP
Parameter
Symbol
20A
20B
20D
20G
20J
20K
20M
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55°C
IF(AV)
2.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
70
A
superimposed on rated load (JEDEC Method)
Typical thermal resistance (1)
R
θJA
25
R
θJL
20
°C/W
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
GPP GPP GPP
GPP GPP GPP
GPP
Parameter
Symbol
20A
20B
20D
20G
20J
20K
20M
Unit
Maximum instantaneous forward voltage at 2.0A
VF
1.1
V
Maximum reverse current
TA = 25°C
5.0
at rated DC blocking voltage
TA = 100°C
IR
50
µA
Maximum junction capacitance at 4.0V, 1MHz
CJ
25
pF
Note: (1) Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead length, P.C.B. mounted
DO-204AC (DO-15)
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Glass passivated junction
• Capable of meeting environmental standards of
MIL-S-19500
• 2.0 Ampere operation at TA=55°C with no thermal runaway
• Typical IR less than 0.1
µA
Mechanical Data
Case: JEDEC DO-204AC, molded plastic over glass
passivated chip
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
High temperature soldering guaranteed: 250°C/10 seconds,
0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.015 oz., 0.4 g
0.034 (0.86)
0.028 (0.71)
Dia.
0.140 (3.6)
0.104 (2.6)
Dia.
0.230 (5.8)
0.300 (7.6)
1.0 (25.4)
min.
1.0 (25.4)
min.
Dimensions in inches
and (millimeters)


Similar Part No. - GPP20J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP20J VISHAY-GPP20J Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
logo
Shenzhen Taychipst Elec...
GPP20J TAYCHIPST-GPP20J Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
SUNMATE electronic Co.,...
GPP20J SUNMATE-GPP20J Datasheet
1,004Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
logo
Vishay Siliconix
GPP20J VISHAY-GPP20J Datasheet
72Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GPP20J-E3-54 VISHAY-GPP20J-E3-54 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results

Similar Description - GPP20J

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5391G-1N5399G SURGE-1N5391G-1N5399G Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifiers
logo
GOOD-ARK Electronics
1G1 GOOD-ARK-1G1_15 Datasheet
116Kb / 2P
   Glass Passivated Junction Rectifiers
logo
Compact Technology Corp...
1N4001G CTC-1N4001G_15 Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
1N4001G CTC-1N4001G Datasheet
50Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Vishay Siliconix
GP10A VISHAY-GP10A Datasheet
30Kb / 2P
   Glass Passivated Junction Rectifiers
5-Mar-02
logo
Cystech Electonics Corp...
RL207G CYSTEKEC-RL207G Datasheet
161Kb / 3P
   Glass Passivated Junction Rectifiers
logo
Vishay Siliconix
GPP10A VISHAY-GPP10A Datasheet
19Kb / 2P
   Glass Passivated Junction Rectifiers
18-Mar-02
logo
Compact Technology Corp...
CT2A01G CTC-CT2A01G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Surge Components
1N4001G-1N4007G SURGE-1N4001G-1N4007G Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifiers
logo
EIC discrete Semiconduc...
1N5400G EIC-1N5400G Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com