Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLH-L30D Datasheet(PDF) 6 Page - All Sensors Corporation

Part # DLH-L30D
Description  DLH Series Low Voltage Digital Pressure Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLH-L30D Datasheet(HTML) 6 Page - All Sensors Corporation

Back Button DLH-L30D Datasheet HTML 2Page - All Sensors Corporation DLH-L30D Datasheet HTML 3Page - All Sensors Corporation DLH-L30D Datasheet HTML 4Page - All Sensors Corporation DLH-L30D Datasheet HTML 5Page - All Sensors Corporation DLH-L30D Datasheet HTML 6Page - All Sensors Corporation DLH-L30D Datasheet HTML 7Page - All Sensors Corporation DLH-L30D Datasheet HTML 8Page - All Sensors Corporation DLH-L30D Datasheet HTML 9Page - All Sensors Corporation DLH-L30D Datasheet HTML 10Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DLH Series Low Voltage Digital Pressure Sensors
Digital Interface Data Format
For either type of digital interface, the format of data returned from the sensor is the same. The first byte consists of the
Status Byte followed by a 24-bit unsigned pressure value and a 24-bit unsigned temperature value. Unused bits
beyond the calibrated bit width are undefined, and may have any value. See the Pressure Output Transfer Function
and Temperature Output Transfer Function definitions on page 3 for converting to pressure and temperature.
Refer to Table 2 for the overall data format of the sensor. Table 3 shows the Status Byte definition.
Note that a completed reading without error will return status 0x40.
Table 2 - Output Data Format
Table 3- Status Byte Definition
I2C Interface
I2C Command Sequence
The part enters Idle state after power-up, and waits for a command from the bus master. Any of the five
Measurement commands may be sent, as shown in Table 1. Following receipt of one of these 3-byte commands,
the EOC pin is set to Low level, and the sensor Busy bit is set in the Status Byte. After completion of measurement
and calculation in the Active state, compensated data is written to the output registers, the EOC pin is set high,
and the processing core goes back to Idle state. The host processor can then perform the Data Read operation,
which for I2C is simply a 7-byte Device Read.
If the EOC pin is not monitored, the host can poll the Status Byte by repeating the Status Read command, which
for I2C is a one-byte Device Read. When the Busy bit in the Status byte is zero, this indicate that valid data is
ready, and a full Data Read of all 7 bytes may be performed.
Page 6
S[7:0]
P[23:16]
P[15:8]
P[7:0]
T[23:16]
T[15:8]
T[7:0]
Status
Pressure
Pressure
Pressure
Temperature
Temperature
Temperature
Byte
MSB
Byte 1
LSB
MSB
Byte 1
LSB
Bit
Description
Bit 7 [MSB] [Always = 0]
6
Power : [1 = Power On]
5
Busy: [ 1 = Processing Command, 0 = Ready]
4:3
Mode: [00 = Normal Operation ]
2
Memory Error [ 1 = EEPROM Checksum Fail]
1
Sensor Configuration [ always = 0]
Bit 0 [LSB] ALU Error [1 = Error]


Similar Part No. - DLH-L30D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLH-L30D ASC-DLH-L30D Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLH-L30D ASC-DLH-L30D Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLH-L30D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DS-0355 ASC-DS-0355 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLHR-F50D-E1BD-C-NAV8 ASC-DLHR-F50D-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0336 ASC-DS-0336 Datasheet
1Mb / 15P
   DLV Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com