Electronic Components Datasheet Search |
|
DLH-L05G Datasheet(PDF) 2 Page - All Sensors Corporation |
|
DLH-L05G Datasheet(HTML) 2 Page - All Sensors Corporation |
2 / 16 page DLH Series Low Voltage Digital Pressure Sensors Parameter Min Typ Max Units Notes Output Span (FSS) 1 LxxD - ±0.4 * 224 - Dec Count LxxG - 0.8 * 224 - Dec Count Offset Output @ Zero Diff. Pressure (OSdig) - LxxD - 0.5 * 224 - Dec Count LxxG - 0.1 * 224 - Dec Count Total Error Band - ±1.0 ±1.5 %FSS 2 Span Temperature Shift - ±0.25 - %FSS 3 Offset Temperature Shift - ±0.25 - %FSS 3 Offset Warm-up Shift - ±0.20 - %FSS 4 Offset Position Sensitivity (±1g) - ±0.10 - %FSS - Offset Long Term Drift (One Year) - ±0.30 - %FSS - Linearity, Hysteresis Error 6 LxxD - ±0.25 - %FSS LxxG - ±0.10 - %FSS Pressure Digital Resolution - No Missing Codes - 16-bit Option 15.3 15.5 - bit 17-bit Option 16.3 16.5 - bit 18-bit Option 17.0 17.5 - bit Temperature Output - Resolution - 16 - bit Overall Accuracy - 2 - °C Supply Current Requirement 5, 7, 8 During Active State (ICC Active) - 1.5 2.0 mA During Active State (ICC Idle) - 100 250 nA Power On Delay - - 2.5 ms 5 Data Update Time (t DU) (see table below) ms 5, 7 Performance Characteristics for DLH Series - Commercial and Industrial Temperature Range All pArAmeters Are meAsured At 3.3V ±5% excitAtion And 25c unless otherwise specified (note 9). pressure meAsurements Are with positiVe pressure Applied to port B. See the following page for performance characteristics notes. Page 2 |
Similar Part No. - DLH-L05G |
|
Similar Description - DLH-L05G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |