Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLH-L30G Datasheet(PDF) 5 Page - All Sensors Corporation

Part # DLH-L30G
Description  DLH Series Low Voltage Digital Pressure Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLH-L30G Datasheet(HTML) 5 Page - All Sensors Corporation

  DLH-L30G Datasheet HTML 1Page - All Sensors Corporation DLH-L30G Datasheet HTML 2Page - All Sensors Corporation DLH-L30G Datasheet HTML 3Page - All Sensors Corporation DLH-L30G Datasheet HTML 4Page - All Sensors Corporation DLH-L30G Datasheet HTML 5Page - All Sensors Corporation DLH-L30G Datasheet HTML 6Page - All Sensors Corporation DLH-L30G Datasheet HTML 7Page - All Sensors Corporation DLH-L30G Datasheet HTML 8Page - All Sensors Corporation DLH-L30G Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
All Sensors
DS-0355 Rev A
Operation Overview
Page 5
Figure 2 - DLH Communication Model
Digital Interface Command Formats
When requesting the start of a measurement, the command format for both I2C and SPI is the same.
When requesting sensor status over I2C, the host simply performs a 1-byte read transfer.
When requesting sensor status over SPI, the host must send the Status Read command byte while reading 1 byte.
When reading sensor data over I2C, the host simply performs a 7-byte read transfer.
When reading sensor data over SPI, the host must send the 7-byte Data Read command while reading the data.
See Table 1 below for Measurement Commands, Sensor Data read and Sensor Status read details.
Table 1 - DLH Sensor Command Set
Start-Single Command
Internal State
Interal Operation
DSP
DSP
New Data Available
EOC
Start-Average2 / 4 / 8 / 16 Commands (Auto Averaging)
Internal State
Interal Operation
DSP
New Data Available
EOC
Idle
Idle
Active
ADC (T, Z, P)…
Idle
Idle
ADC (Temp, Zero, Pressure)n
ADC (Temp, Zero, Pressure)1
Active
Idle
Idle
Idle
Idle
ADC (Temp, Zero, Pressure)
ADC (Temp, Zero, Pressure)
Data Read
Start-Average2/4/8/16
Active
Command
Start-Single
Data Read
Start-Single
Command
Start-Average2/4/8/16
Active
Idle
Idle
0xAA
0x00
0x00
0xAC
0x00
0x00
0xAD
0x00
0x00
0xAE
0x00
0x00
0xAF
0x00
0x00
I2C
SPI
I2C
SPI
Read of 1 byte from device.
Read of 1 byte from device
Host must send [0xF0] on MOSI
Sensor Returns 1 byte on MISO
Start‐Average8
Start‐Average16
Read Sensor Data
Read of 7 bytes from device
Read of 7 bytes from device
Host must send [0xF0], then 6 bytes of [0x00] on MOSI
Sensor Returns 7 bytes on MISO
Read Sensor Status
Start‐Average4
Measurement Commands (I2C or SPI)
Description
Command ( 3 bytes )
Start‐Single
Start‐Average2


Similar Part No. - DLH-L30G

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLH-L30G ASC-DLH-L30G Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLH-L30G ASC-DLH-L30G Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLH-L30G

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DS-0355 ASC-DS-0355 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLHR-F50D-E1BD-C-NAV8 ASC-DLHR-F50D-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0336 ASC-DS-0336 Datasheet
1Mb / 15P
   DLV Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com