Electronic Components Datasheet Search |
|
GPP20M Datasheet(PDF) 1 Page - Vishay Siliconix |
|
GPP20M Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 2 page GPP20A thru GPP20M Vishay Semiconductors formerly General Semiconductor Document Number 88642 www.vishay.com 15-Mar-02 1 New Product Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified. GPP GPP GPP GPP GPP GPP GPP Parameter Symbol 20A 20B 20D 20G 20J 20K 20M Unit Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 V Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55°C IF(AV) 2.0 A Peak forward surge current 8.3ms single half sine-wave IFSM 70 A superimposed on rated load (JEDEC Method) Typical thermal resistance (1) R θJA 25 R θJL 20 °C/W Operating junction and storage temperature range TJ, TSTG –55 to +150 °C Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified. GPP GPP GPP GPP GPP GPP GPP Parameter Symbol 20A 20B 20D 20G 20J 20K 20M Unit Maximum instantaneous forward voltage at 2.0A VF 1.1 V Maximum reverse current TA = 25°C 5.0 at rated DC blocking voltage TA = 100°C IR 50 µA Maximum junction capacitance at 4.0V, 1MHz CJ 25 pF Note: (1) Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead length, P.C.B. mounted DO-204AC (DO-15) Features • Plastic package has Underwriters Laboratory Flammability Classification 94V-0 • Glass passivated junction • Capable of meeting environmental standards of MIL-S-19500 • 2.0 Ampere operation at TA=55°C with no thermal runaway • Typical IR less than 0.1 µA Mechanical Data Case: JEDEC DO-204AC, molded plastic over glass passivated chip Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.015 oz., 0.4 g 0.034 (0.86) 0.028 (0.71) Dia. 0.140 (3.6) 0.104 (2.6) Dia. 0.230 (5.8) 0.300 (7.6) 1.0 (25.4) min. 1.0 (25.4) min. Dimensions in inches and (millimeters) |
Similar Part No. - GPP20M |
|
Similar Description - GPP20M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |