Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLHR-F50D-E1BD-C-NAV8 Datasheet(PDF) 10 Page - All Sensors Corporation

Part # DLHR-F50D-E1BD-C-NAV8
Description  DLHR Series Low Voltage Digital Pressure Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLHR-F50D-E1BD-C-NAV8 Datasheet(HTML) 10 Page - All Sensors Corporation

Back Button DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 6Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 7Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 8Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 9Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 10Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 11Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 12Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 13Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 14Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DLHR Series Low Voltage Digital Pressure Sensors
How to Order
Refer to Table 4 for configuring a standard base part number which includes the pressure range, package and
temperature range. Table 5 shows the available configuring options. The option identifier is required to com-
plete the device part number. Refer to Table 6 for the available device packages.
Example P/N with options: DLHR-L02D-E1NS-C-NAV6
Page 10
Table 6 - Available E-Series Package Configurations
Table 4 - How to configure a base part
Table 5 - How to configure an option identifier
SIP (1)
DIP
J Lead SMT
Low Profile DIP
SIP (1)
DIP
J Lead SMT
Low Profile DIP
Port 
Orientation
Non‐Barbed Lid
Barbed Lid
Lead Style
Lead Style
Dual Port 
Same Side
N/A
N/A
N/A
E1NS
E1ND
E1NJ
E1BS
E1BD
Dual Port 
Opposite Side
N/A
N/A
N/A
E2NS
E2ND
E2NJ
E2BS
E2BD
Single Port 
(Gage)
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
(1) SPI is not available in SIP packages
(1) SPI is not available in SIP packages
ID Description
ID Description
ID Description
ID Description
N No Coating
A Auto I2C/SPI
V 1.68V to 3.6V
6 16 Bit
P Parylene Coating (1)
7 17 bit
8 18 bit
Example  N
AV
6
(1) Parylene coating not offered on J‐Lead Configurations
COATING
INTERFACE
SUPPLY VOLTAGE
RESOLUTION
Base
ID
ID
Description
ID
ID Description
ID Description
ID Description
ID
Description
DLHR
F50D ±0.5 inH2O
E
1 Dual Port Same Side
N Non-Barbed
S
SIP
C
Commercial
L01D
±1 inH2O
2 Dual Port Opposite Side
B
Barbed
D
DIP
I
Industrial
L02D
±2 inH2O
J
J-Lead SMT
L05D
±5 inH2O
L10D
±10 inH2O
L20D
±20 inH2O
L30D
±30 inH2O
L60D
±60 inH2O
F50G
0 to 0.5 inH2O
L01G
0 to 1 inH2O
L02G
0 to 2 inH2O
L05G
0 to 5 inH2O
L10G
0 to 10 inH2O
L20G
0 to 20 inH2O
L30G
0 to 30 inH2O
L60G
0 to 60 inH2O
Example DLHR - L02D
- E
1
N
S
- C
TEMPERATURE RANGE
SERIES
Lead Type
Lid Style
Port Orientation
PACKAGE
PRESSURE RANGE


Similar Part No. - DLHR-F50D-E1BD-C-NAV8

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLHR-F50D ASC-DLHR-F50D Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLHR-F50D-E1BD-C-NAV8

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DS-0350 ASC-DS-0350 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0336 ASC-DS-0336 Datasheet
1Mb / 15P
   DLV Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com