Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLHR-L60D Datasheet(PDF) 2 Page - All Sensors Corporation

Part # DLHR-L60D
Description  DLHR Series Low Voltage Digital Pressure Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLHR-L60D Datasheet(HTML) 2 Page - All Sensors Corporation

  DLHR-L60D Datasheet HTML 1Page - All Sensors Corporation DLHR-L60D Datasheet HTML 2Page - All Sensors Corporation DLHR-L60D Datasheet HTML 3Page - All Sensors Corporation DLHR-L60D Datasheet HTML 4Page - All Sensors Corporation DLHR-L60D Datasheet HTML 5Page - All Sensors Corporation DLHR-L60D Datasheet HTML 6Page - All Sensors Corporation DLHR-L60D Datasheet HTML 7Page - All Sensors Corporation DLHR-L60D Datasheet HTML 8Page - All Sensors Corporation DLHR-L60D Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DLHR Series Low Voltage Digital Pressure Sensors
Parameter
Min
Typ
Max
Units
Notes
Output Span (FSS)
1
LxxD, FxxD
-
±0.4 * 224
-
Dec Count
LxxG, FxxG
-
0.8 * 224
-
Dec Count
Offset Output @ Zero Diff. Pressure (OSdig)
-
LxxD, FxxD
-
0.5 * 224
-
Dec Count
LxxG, FxxG
-
0.1 * 224
-
Dec Count
Total Error Band
2
F50G
-
2.5
3.0
%FSS
F50D
-
2.0
2.5
%FSS
L01x
-
1.5
2.0
%FSS
L02x
-
1.0
1.5
%FSS
L05x, L10x, L20x, L30x, L60x
-
0.5
1.0
%FSS
Span Temperature Shift
3
F50x, L01x, L02x
-
±0.5
-
%FSS
L05x, L10x, L20x, L30x, L60x
-
±0.2
-
%FSS
Offset Temperature Shift
3
F50x, L01x, L02x
-
±0.5
-
%FSS
L05x, L10x, L20x, L30x, L60x
-
±0.2
-
%FSS
Offset Warm-up Shift
4
F50x, L01x, L02x
-
±0.25
-
%FSS
L05x, L10x, L20x, L30x, L60x
-
±0.15
-
%FSS
Offset Position Sensitivity (±1g)
-
F50x, L01x, L02x
-
±0.10
-
%FSS
L05x, L10x, L20x, L30x, L60x
-
±0.05
-
%FSS
Offset Long Term Drift (One Year)
-
F50x, L01x, L02x
-
±0.25
-
%FSS
L05x, L10x, L20x, L30x, L60x
-
±0.15
-
%FSS
Linearity, Hysteresis Error
6
F50D, LxxD
-
±0.25
-
%FSS
F50G, LxxG
-
±0.10
-
%FSS
Pressure Digital Resolution - No Missing Codes
-
16-bit Option
15.7
-
-
bit
17-bit Option
16.7
-
-
bit
18-bit Option
17.7
-
-
bit
Temperature Output
-
Resolution
-
16
-
bit
Overall Accuracy
-
2
-
°C
Supply Current Requirement
5, 7, 8
During Active State (ICC
Active)
-
2.0
2.6
mA
During Active State (ICC
Idle)
-
100
250
nA
Power On Delay
-
-
2.5
ms
5
Data Update Time (t
DU)
(see table below)
ms
5, 7
Performance Characteristics for DLHR Series - Commercial and Industrial Temperature Range
All pArAmeters Are meAsured At 3.3V ±5% excitAtion And 25c unless otherwise specified (note 9). pressure meAsurements Are with positiVe
pressure Applied to
port B.
Page 2


Similar Part No. - DLHR-L60D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLHR-L60D ASC-DLHR-L60D Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLHR-L60D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DS-0350 ASC-DS-0350 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0336 ASC-DS-0336 Datasheet
1Mb / 15P
   DLV Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com