Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1102 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # ISP1102
Description  Advanced Universal Serial Bus transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1102 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button ISP1102 Datasheet HTML 7Page - NXP Semiconductors ISP1102 Datasheet HTML 8Page - NXP Semiconductors ISP1102 Datasheet HTML 9Page - NXP Semiconductors ISP1102 Datasheet HTML 10Page - NXP Semiconductors ISP1102 Datasheet HTML 11Page - NXP Semiconductors ISP1102 Datasheet HTML 12Page - NXP Semiconductors ISP1102 Datasheet HTML 13Page - NXP Semiconductors ISP1102 Datasheet HTML 14Page - NXP Semiconductors ISP1102 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Philips Semiconductors
ISP1102
Advanced USB transceiver
Product data
Rev. 03 — 02 September 2003
11 of 23
9397 750 11228
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[1]
If VCC(I/O) ≥ Vreg(3.3), then the leakage current will be higher than the specified value.
Capacitance
CIN
input capacitance
pin to GND
-
-
10
pF
Example 1: VCC(I/O) = 1.8 V ± 0.15 V
Input levels
VIL
LOW-level input voltage
-
-
0.5
V
VIH
HIGH-level input voltage
1.2
-
-
V
Output levels
VOL
LOW-level output voltage
IOL = 100 µA
-
-
0.15
V
IOL = 2 mA
-
-
0.4
V
VOH
HIGH-level output voltage
IOH = 100 µA
1.5
-
-
V
IOH = 2 mA
1.25
-
-
V
Example 2: VCC(I/O) = 2.5 V ± 0.2 V
Input levels
VIL
LOW-level input voltage
-
-
0.7
V
VIH
HIGH-level input voltage
1.7
-
-
V
Output levels
VOL
LOW-level output voltage
IOL = 100 µA
-
-
0.15
V
IOL = 2 mA
-
-
0.4
V
VOH
HIGH-level output voltage
IOH = 100 µA
2.15
-
-
V
IOH = 2 mA
1.9
-
-
V
Example 3: VCC(I/O) = 3.3 V ± 0.3 V
Input levels
VIL
LOW-level input voltage
-
-
0.9
V
VIH
HIGH-level input voltage
2.15
-
-
V
Output levels
VOL
LOW-level output voltage
IOL = 100 µA
-
-
0.15
V
IOL = 2 mA
-
-
0.4
V
VOH
HIGH-level output voltage
IOH = 100 µA
2.85
-
-
V
IOH = 2 mA
2.6
-
-
V
Table 12:
Static characteristics: digital pins…continued
VCC(I/O) = 1.65 to 3.6 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 13:
Static characteristics: analog I/O pins D+ and D
VCC(5.0) = 4.0 to 5.5 V or Vreg(3.3) = 3.0 to 3.6 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input levels
Differential receiver
VDI
differential input sensitivity
|V
I(D+) − VI(D
−)|
0.2
-
-
V
VCM
differential common mode
voltage
includes VDI range
0.8
-
2.5
V


Similar Part No. - ISP1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102AW NXP-ISP1102AW Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
More results

Similar Description - ISP1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
logo
Texas Instruments
TUSB2551A TI-TUSB2551A Datasheet
834Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1107 PHILIPS-ISP1107 Datasheet
536Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 01-23 February 2000
logo
Texas Instruments
TUSB2551 TI-TUSB2551_10 Datasheet
652Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com