Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF840B Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # GF840B
Description  Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

GF840B Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  GF840B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited GF840B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited GF840B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Super Fast Rectifiers
GF820B---GF860B
Q017
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS@ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Test conditions
GF820B
GF830B -
GF840B
GF850B -
GF860B
UNIT
MAX
Reverse Current
IR
VR=VRRM,TA=25℃
VR=VRRM,TA=100℃
5.0
250
10
400
μA
Forward Voltage
VF
(Note1)
IF=8A
0.98
1.3
1.7
V
Reverse Recovery
Time
trr
IF=0.5A,IR=1A,Irr=0.25A
30
ns
Note:1.Pulse test:pulse width=300us,duty cycle≤2.0%.
TYPICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified


Similar Part No. - GF840B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GF840 LUGUANG-GF840 Datasheet
176Kb / 2P
   Super Fast Rectifiers
More results

Similar Description - GF840B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com