Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRX220 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # MBRX220
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MBRX220 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MBRX220 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MBRX220 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MBRX220 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
MBRX220--MBRX2A0
Document Number:SOD402AA
www.gmicroelec.com
1
FEATURES
Low forward surge current
Ideal for surface mounted applications
Low leakage current
MECHANICAL DATA
Case: JEDEC SOD-123FL,molded plastic over passivated chip
Terminals: Solder Plated, solderable perMIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
MBRX220
MBRX230
MBRX240
MBRX260
MBRX280
MBRX2A0
UNITS
Device marking code
2S
3S
4S
6S
8S
AS
Maximum recurrent peak reverse voltage
VRRM
20
30
40
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
42
56
70
V
Maximum DC blocking voltage
VDC
20
30
40
60
80
100
V
Maximum average forward
rectified current TJ=90℃
I(AV)
2.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
IFSM
40
A
Thermal Characteristics
Characteristic
Symbol
MBRX220
MBRX230
MBRX240
MBRX260
MBRX280
MBRX2A0
UNITS
Typical junction capacitance
CJ
30
p F
Maximum thermal resistance
RθJA
60
/W
Operating temperature range
TJ
- 55 --- + 125
- 55 --- + 150
Storage temperature range
TSTG
- 55 --- + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
MBRX220
MBRX230
MBRX240
MBRX260
MBRX280
MBRX2A0
UNITS
Maximum instantaneous
@IFM=2.0A forward voltage
VF
0.55
0.75
0.85
V
Maximum DC reverse current TJ=25℃
at rated DC blocking voltage TJ=125℃
IR
0.3
5.0
m A
Pb
Lead-free


Similar Part No. - MBRX220

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MBRX220 BILIN-MBRX220 Datasheet
497Kb / 4P
   Schottky Barrier Rectifiers
MBRX2200 BILIN-MBRX2200 Datasheet
61Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MBRX2200 BILIN-MBRX2200 Datasheet
438Kb / 4P
   Schottky Barrier Rectifiers
MBRX2200 BILIN-MBRX2200_17 Datasheet
438Kb / 4P
   Schottky Barrier Rectifiers
MBRX220H BILIN-MBRX220H Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRX220

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com