Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLVR-L05G Datasheet(PDF) 6 Page - All Sensors Corporation

Part # DLVR-L05G
Description  DLVR Series Low Voltage Digital Pressure Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLVR-L05G Datasheet(HTML) 6 Page - All Sensors Corporation

Back Button DLVR-L05G Datasheet HTML 2Page - All Sensors Corporation DLVR-L05G Datasheet HTML 3Page - All Sensors Corporation DLVR-L05G Datasheet HTML 4Page - All Sensors Corporation DLVR-L05G Datasheet HTML 5Page - All Sensors Corporation DLVR-L05G Datasheet HTML 6Page - All Sensors Corporation DLVR-L05G Datasheet HTML 7Page - All Sensors Corporation DLVR-L05G Datasheet HTML 8Page - All Sensors Corporation DLVR-L05G Datasheet HTML 9Page - All Sensors Corporation DLVR-L05G Datasheet HTML 10Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Table 1 - DLVR Control Logic Detail
Operation Overview (Cont’d)
Figure 2 - DLVR Communication Model
Power/
Speed
Option
Power/Speed
Description
Operating
Mode
Over
Sample
Delay
Between
Samples
Normal
ADC
Cycles
Special
ADC
Cycles
Special
ADC Cycle
Interval
F
Fast
No
No
1 (P)
1 (Z or T)
255
N
Noise Reduced
Yes
No
1 (P)
1 (Z or T)
255
L
Low Power
Yes
Yes
1 (P)
1 (Z or T)
31
Sleep(1) (Wake Pressure)
No
User Defined
1 (P)
n/a
Never
Sleep (Wake All)
No
User Defined
1 (P)
2 (Z + T)
Always
Note 1) Wake from sleep with pressure only reading is not available with SPI interface (I2C only).
Control Logic
S
Free
Running
Triggered
Free Running Mode [(F)ast, (N)oise Reduced and (L)ow Power Option]
Cycle Type
Internal Operation DSP Delay
ADC (P)
DSP Delay
ADC (P)
DSP Delay
ADC (P)
ADC (T or Z) DSP Delay ADC (P)
New Data Available
Note 1: See Table 1 for frequency of Special Cycles
Normal Cycle
Normal Cycle
Special Cycle (1)
Triggered Mode - Wake All [(S)leep Option]
or
SPI (SS)
Read Data
Internal Operation
ADC (Z) ADC (T) ADC (P) DSP
ADC (Z) ADC (T) ADC (P) DSP
Sleep
New Data Available
Wake All
Wake All
Sleep
I2C
Read Data
Sleep
Triggered Mode - Wake Pressure [(S)leep Option]
Internal Operation
ADC (P) DSP
ADC (P) DSP
Sleep
New Data Available
I2C
Wake P.
Read Data
Wake P.
Sleep
Sleep
Page 6


Similar Part No. - DLVR-L05G

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L05G ASC-DLVR-L05G Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L05G ASC-DLVR-L05G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L05G ASC-DLVR-L05G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L05G ASC-DLVR-L05G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L05G ASC-DLVR-L05G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLVR-L05G

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI5F ASC-DLVR-L01D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-03001 ASC-DS-03001 Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L10D-E1NS-C-NI5F ASC-DLVR-L10D-E1NS-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com