Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5JBT Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # S5JBT
Description  SURFACEMOUNTRECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S5JBT Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  S5JBT Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S5JBT Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S5JBT Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SURFACEMOUNTRECTIFIERS
S5ABT--S5MBT
Document Number : SBT004AA
www.gmicroelec.com
1
FEATURES
Low profile package
For surface mounted applications
High current capability
Built-in strain relief, ideal for automated placement
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering: 250℃/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC SMBT,molded plastic over passivated chip
Terminals: Solder Plated, solderable per MIL-STD- 750, Method 2026
Polarity: Color band denotes cathode end
Maximum Ratings(@TA = 25°C unless otherwise specified)
Characteristic
Symbol
S5ABT
S5BBT
S5DBT
S5GBT
S5JBT
S5KBT
S5MBT
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRWS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current at
TL=90℃
IF(AV)
5.0
A
Peak forward surge current
8.3mssingle half-sine-wave
superimposed on rated load(JEDEC Method)
IFSM
150
A
Thermal Characteristics
Characteristic
Symbol
S5ABT
S5BBT
S5DBT
S5GBT
S5JBT
S5KBT
S5MBT
UNITS
Operating temperature range
TJ
-55--------+150
storage temperature range
TSTG
-55--------+150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
S5ABT
S5BBT
S5DBT
S5GBT
S5JBT
S5KBT
S5MBT
UNITS
Maximum Instantaneous Forward Voltage at 5.0A
VF
1.15
V
Maximum DC reverse current TA=25℃
at rated DC blocking voltage TA=125℃
IR
10
250
μ A
Pb
Lead-free


Similar Part No. - S5JBT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S5JB TSC-S5JB Datasheet
187Kb / 4P
   Surface Mount Glass Passivated Rectifiers
logo
Taiwan Memory Technolog...
S5JB TMT-S5JB Datasheet
180Kb / 4P
   5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Yixinwei Techn...
S5JB YIXIN-S5JB Datasheet
93Kb / 2P
   5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Shanghai Yint Electroni...
S5JB YINT-S5JB Datasheet
492Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
SHIKUES Electronics
S5JBF SKTECHNOLGY-S5JBF Datasheet
275Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S5JBT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S2AFA BILIN-S2AFA Datasheet
150Kb / 3P
   SURFACEMOUNTRECTIFIERS
S3ABT BILIN-S3ABT Datasheet
152Kb / 3P
   SURFACEMOUNTRECTIFIERS
S3AB BILIN-S3AB_14 Datasheet
177Kb / 3P
   SURFACEMOUNTRECTIFIERS
S3A BILIN-S3A_12 Datasheet
216Kb / 3P
   SURFACEMOUNTRECTIFIERS
S2A BILIN-S2A_15 Datasheet
178Kb / 3P
   SURFACEMOUNTRECTIFIERS
S5AC BILIN-S5AC_14 Datasheet
176Kb / 3P
   SURFACEMOUNTRECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com