Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61606HFSN Datasheet(PDF) 7 Page - MTRONPTI

Part # M61606HFSN
Description  5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M61606HFSN Datasheet(HTML) 7 Page - MTRONPTI

  M61606HFSN Datasheet HTML 1Page - MTRONPTI M61606HFSN Datasheet HTML 2Page - MTRONPTI M61606HFSN Datasheet HTML 3Page - MTRONPTI M61606HFSN Datasheet HTML 4Page - MTRONPTI M61606HFSN Datasheet HTML 5Page - MTRONPTI M61606HFSN Datasheet HTML 6Page - MTRONPTI M61606HFSN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
7
Date
Revision PCN Number Details of Revision
For custom products or additional specifications contact our sales team at
800.762.8800 (toll free) or 605.665.9321
For more information on this product visit the MtronPTI website at
www.mtronpti.com
Product Revision Table
M616x Series
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave,
Precision TCXO/TCVCXO
Load Circuit
Load Circuit #2 - HCMOS Output
Load Circuit #7 - Clipped Sinewave Output
Quality Parameters
Environmental Specifications/Qualification Testing Performed on the M616x TCXO/TCVCXO
Test
Test Method
Test Condition
Electrical Characteristics
Internal Specification
Per Specification
Frequency vs. Temperature
Internal Specification
Per Specification
Mechanical Shock
MIL-STD-202, Method 213, C
100 g, 6 ms
Vibration
MIL-STD-202, Method 201-204
10 g from 10-2000 Hz
Thermal Cycle
MIL-STD-883, Method 1010, B
-55 Deg. C to +125 Deg. C, 15 minute Dwell, 10 cycles
Aging
Internal Specification
168 Hours at 105 Degrees C
Gross Leak
MIL-STD-202, Method 112
30 Second Immersion (Crystal Only)
Fine Leak
MIL-STD-202, Method 112
Must meet 1x10
-8 (Crystal Only)
Solderability
MIL-STD-883, Method 2003
8 Hour Steam Age – Must Exhibit 95% coverage
Resistance to Solvents
MIL-STD-883, Method 2015
Three 1 minute soaks
Physical Dimensions
MIL-STD-883, Method 2016
Per Specification
Internal Visual
Internal Specification
Per Internal Specification
Note: C Load includes probe and fixturing.
C Load
DUT Output
Test Point
10 pF
DUT Output
Test Point
10K Ohms


Similar Part No. - M61606HFSN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M616Z08 STMICROELECTRONICS-M616Z08 Datasheet
95Kb / 14P
   128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
M616Z08-20MH3 STMICROELECTRONICS-M616Z08-20MH3 Datasheet
95Kb / 14P
   128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
M616Z08-20MH3TR STMICROELECTRONICS-M616Z08-20MH3TR Datasheet
95Kb / 14P
   128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
More results

Similar Description - M61606HFSN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M610X MTRONPTI-M610X Datasheet
885Kb / 7P
   M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M611X MTRONPTI-M611X Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M6027 MTRONPTI-M6027 Datasheet
237Kb / 1P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6027_0612 MTRONPTI-M6027_0612 Datasheet
264Kb / 2P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6027 MTRONPTI-M6027_07 Datasheet
346Kb / 2P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
MVX MTRONPTI-MVX Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
M61801MTCN MTRONPTI-M61801MTCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M61701STCN MTRONPTI-M61701STCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com