Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6684BIN Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6684BIN
Description  Low Voltage, Rail-To-Rail Input and Output CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6684BIN Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC6684BIN Datasheet HTML 1Page - National Semiconductor (TI) LMC6684BIN Datasheet HTML 2Page - National Semiconductor (TI) LMC6684BIN Datasheet HTML 3Page - National Semiconductor (TI) LMC6684BIN Datasheet HTML 4Page - National Semiconductor (TI) LMC6684BIN Datasheet HTML 5Page - National Semiconductor (TI) LMC6684BIN Datasheet HTML 6Page - National Semiconductor (TI) LMC6684BIN Datasheet HTML 7Page - National Semiconductor (TI) LMC6684BIN Datasheet HTML 8Page - National Semiconductor (TI) LMC6684BIN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1.8V and 2.2V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V+ = 1.8V and 2.2V, V− = 0V, VCM = VO = V
+/2, V
PD = 0.4V
(@ 2.2V), V
PD = 0.3V (@ 1.8V) and RL > 1MΩ. Boldface limits apply at the temperature extremes (Note 16).
LMC6681AI
LMC6681BI
Typ
LMC6682AI
LMC6682BI
Symbol
Parameter
Conditions
(Note 5)
LMC6684AI
LMC6684BI
Units
Limit
Limit
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
V
+ = 1.8V, V
CM = 1.5V
0.5
3
10
mV max
V
+ = 2.2V, V
CM = 1.5V
0.5
2
6
mV
3.8
7.8
max
TCV
OS
Input Offset Voltage
V
+ = 2.2V
1.5
µV/˚C
Average Drift
I
B
Input Current
V
+ = 2.2V (Note 12)
0.08
20
20
pA max
I
OS
Input Offset Current
V
+ = 2.2V (Note 12)
0.04
10
10
pA max
CMRR
Common Mode
V
+ = 2.2V (Note 13)
82
60
60
dB min
Rejection Ratio
V
+ = 1.8V (Note 13)
82
50
50
dB min
PSRR
Power Supply
±1.1V
≤ V
S ±5V,
82
70
65
dB
Rejection Ratio
V
O = V
+/2 = V
CM
65
62
min
V
CM
Input Common Mode
V
+ = 2.2V
CMRR > 40 dB
2.38
2.2
2.2
V min
Voltage Range
−0.15
0.0
0.0
V max
V
+ = 1.8V
CMRR > 40 dB
1.98
1.8
1.8
V min
−0.10
0.0
0.0
V max
V
O
Output Swing
V
+ = 2.2V
2.15
2.0
2.0
V
R
L = 2kΩ to V
+/2
1.88
1.88
min
0.05
0.2
0.2
V
0.32
0.32
max
V
+ = 1.8V
1.75
1.6
1.6
V
R
L = 2kΩ to V
+/2
1.44
1.44
min
0.05
0.2
0.2
V
0.32
0.32
max
I
SON
Supply Current
Single, LMC6681
0.7
1.1
1.1
mA
when Powered ON
V
CM = 1.5V
1.32
1.32
max
Dual, LMC6682
1.4
2.2
2.2
mA
V
CM = 1.5V
2.7
2.7
max
Quad, LMC6684
2.8
4.4
4.4
mA
V
CM = 1.5V
5.3
5.3
max
I
S OFF
Supply Current
Single, LMC6681
0.5
1.5
1.5
µA
when Powered OFF
V
PD = 1.5V
2.7
2.7
max
Dual, LMC6682
0.5
1.5
1.5
µA
V
PD = 1.5V
2.7
2.7
max
Quad, LMC6684
1.0
3.0
3.0
µA
V
PD = 1.5V
5.4
5.4
max
www.national.com
5


Similar Part No. - LMC6684BIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6684 TI1-LMC6684 Datasheet
793Kb / 26P
[Old version datasheet]   Single/LMC6682 Dual/LMC6684 Quad Low Voltage, Rail-To-Rail Input
More results

Similar Description - LMC6684BIN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
National Semiconductor ...
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
   Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
ON Semiconductor
LMV981 ONSEMI-LMV981_15 Datasheet
387Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
logo
STMicroelectronics
OA1NP STMICROELECTRONICS-OA1NP Datasheet
864Kb / 31P
   Rail-to-rail input and output
March 2014 Rev 2
logo
Microchip Technology
MCP6N16 MICROCHIP-MCP6N16 Datasheet
7Mb / 58P
   Rail-to-Rail Input and Output
03/25/14
MCP6N11 MICROCHIP-MCP6N11 Datasheet
5Mb / 50P
   Rail-to-Rail Input and Output
08/02/11
logo
Texas Instruments
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com