Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHR420 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TLHR420
Description  Choice of five bright colors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR420 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TLHR420 Datasheet HTML 3Page - Vishay Siliconix TLHR420 Datasheet HTML 4Page - Vishay Siliconix TLHR420 Datasheet HTML 5Page - Vishay Siliconix TLHR420 Datasheet HTML 6Page - Vishay Siliconix TLHR420 Datasheet HTML 7Page - Vishay Siliconix TLHR420 Datasheet HTML 8Page - Vishay Siliconix TLHR420 Datasheet HTML 9Page - Vishay Siliconix TLHR420 Datasheet HTML 10Page - Vishay Siliconix TLHR420 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 13-Jun-16
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of
typical requirements that are often placed on Vishay products in generic applications. Such statements are not binding
statements about the suitability of products for a particular application. It is the customer’s responsibility to validate that a
particular product with the properties described in the product specification is suitable for use in a particular application.
Parameters provided in datasheets and / or specifications may vary in different applications and performance may vary over
time. All operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk.
Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for
such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document
or by any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - TLHR420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR420 VISHAY-TLHR420 Datasheet
215Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Non-Diffused Package
01-Jan-2022
TLHR420. VISHAY-TLHR420. Datasheet
214Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
TLHR4200 VISHAY-TLHR4200 Datasheet
120Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. A1, 04-Feb-99
TLHR4200 VISHAY-TLHR4200 Datasheet
313Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. 1.3, 31-Aug-04
TLHR4200 VISHAY-TLHR4200 Datasheet
214Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
More results

Similar Description - TLHR420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG460 VISHAY-TLHG460 Datasheet
182Kb / 9P
   Choice of three bright colors
Rev. 2.2, 14-Oct-15
TLHR540 VISHAY-TLHR540 Datasheet
205Kb / 9P
   Choice of three bright colors
Rev. 2.0, 16-Mar-15
logo
A-Data Technology
UV110 A-DATA-UV110 Datasheet
972Kb / 1P
   Choice of four popular colors
logo
Grayhill, Inc
30-102 GRAYHILL-30-102 Datasheet
91Kb / 1P
   Convenient Snap-in Panel Mounting Choice of 6 Button Colors
logo
List of Unclassifed Man...
9001KR1U ETC2-9001KR1U Datasheet
80Kb / 1P
   pushbutton head - 횠 30 - 7 colors choice
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
   Choice of phototransistor or photodarlington
logo
Everlight Electronics C...
EALP02RRAGA0 EVERLIGHT-EALP02RRAGA0 Datasheet
227Kb / 8P
   Choice of various viewing angles
EALP03RDAYA0 EVERLIGHT-EALP03RDAYA0 Datasheet
593Kb / 8P
   Choice of various viewing angles
EALP03RDAYA2 EVERLIGHT-EALP03RDAYA2 Datasheet
289Kb / 8P
   Choice of various viewing angles
EALP03RDAYA4 EVERLIGHT-EALP03RDAYA4 Datasheet
362Kb / 8P
   Choice of various viewing angles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com