Electronic Components Datasheet Search |
|
LTC6911-1 Datasheet(PDF) 3 Page - Linear Technology |
|
LTC6911-1 Datasheet(HTML) 3 Page - Linear Technology |
3 / 20 page LTC6911-1/LTC6911-2 3 sn691112 691112fs The q denotes the specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1 (Digital Inputs 001), RL = 10k to midsupply point, unless otherwise noted. ELECTRICAL CHARACTERISTICS C/I GRADES H GRADE PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS LTC6911-1/LTC6911-2 Total Supply Voltage (VS) q 2.7 10.5 2.7 10.5 V Supply Current per Channel VS = 2.7V, VINA = VINB = VAGND q 2.1 3.15 2.1 3.25 mA VS = 5V, VINA = VINB = VAGND q 2.5 3.75 2.5 4.00 mA VS = ±5V, VINA = VINB = 0V, Pins 4, 5, 6 = –4.5V or 5V q 3.1 4.65 3.1 5.00 mA VS = ±5V, VINA = VINB = 0V, Pin 4 = 4.5V, q 3.1 4.65 3.1 5.00 mA Pins 5, 6 = 0.5V Output Voltage Swing LOW (Note 4) VS = 2.7V, RL = 10k Tied to Mid Supply q 12 30 12 35 mV VS = 2.7V, RL = 500Ω Tied to Mid Supply q 60 110 60 125 mV VS = 5V, RL = 10k Tied to Mid Supply q 20 40 20 45 mV VS = 5V, RL = 500Ω Tied to Mid Supply q 100 170 100 190 mV VS = ±5V, RL = 10k Tied to 0V q 30 50 30 60 mV VS = ±5V, RL = 500Ω Tied to 0V q 190 260 190 290 mV Output Voltage Swing HIGH (Note 4) VS = 2.7V, RL = 10k Tied to Mid Supply q 10 20 10 25 mV VS = 2.7V, RL = 500Ω Tied to Mid Supply q 50 80 50 90 mV VS = 5V, RL = 10k Tied to Mid Supply q 10 30 10 35 mV VS = 5V, RL = 500Ω Tied to Mid Supply q 90 160 90 175 mV VS = ±5V, RL = 10k Tied to 0V q 20 40 20 45 mV VS = ±5V, RL = 500Ω Tied to 0V q 180 250 180 270 mV Output Short-Circuit Current (Note 5) VS = 2.7V q ±27 ±27 mA VS = ±5V q ±35 ±35 mA AGND Open-Circuit Voltage VS = 5V q 2.45 2.5 2.55 2.45 2.5 2.55 V AGND (Common Mode) VS = 2.7V q 0.55 1.60 0.55 1.60 V Input Voltage Range VS = 5V q 0.75 3.65 0.75 3.65 V VS = ±5V q – 4.30 3.20 – 4.30 3.20 V AGND Rejection (i.e., Common VS = 2.7V, VAGND = 1.1V to 1.6V q 55 80 50 80 dB Mode Rejection or CMRR) VS = ±5V, VAGND = – 2.5V to 2.5V q 55 75 50 75 dB Power Supply Rejection Ratio (PSRR) VS = 2.7V to ±5V q 60 80 57 80 dB Slew Rate VS = 5V, VOUTA = VOUTB = 1.1V to 3.9V 12 12 V/ µs VS = ±5V, VOUTA = VOUTB = ±1.4V 16 16 V/ µs Signal Attenuation at Gain = 0 Setting Gain = 0 (Digital Inputs 000), f = 20kHz q – 120 – 120 dB Digital Input “High” Voltage VS = 2.7V q 2.43 2.43 V VS = 5V q 4.50 4.50 V VS = ±5V q 4.50 4.50 V Digital Input “Low” Voltage VS = 2.7V q 0.27 0.27 V VS = 5V q 0.50 0.50 V VS = ±5V q 0.50 0.50 V Digital Input “High” Current VS = 2.7V, Pins 4, 5, 6 = 2.43V q 11 µA VS = 5V, Pins 4, 5, 6 = 4.5V q 55 µA VS = ±5V, Pins 4, 5, 6 = 4.5V q 10 10 µA Digital Input “Low” Current VS = 2.7V, Pins 4, 5, 6 = 0.27V q 11 µA VS = 5V, Pins 4, 5, 6 = 0.5V q 55 µA VS = ±5V, Pins 4, 5, 6 = 0.5V q 10 10 µA |
Similar Part No. - LTC6911-1 |
|
Similar Description - LTC6911-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |