Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4523AYH-T Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4523AYH-T
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4523AYH-T Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4523AYH-T Datasheet HTML 1Page - Active-Semi, Inc ACT4523AYH-T Datasheet HTML 2Page - Active-Semi, Inc ACT4523AYH-T Datasheet HTML 3Page - Active-Semi, Inc ACT4523AYH-T Datasheet HTML 4Page - Active-Semi, Inc ACT4523AYH-T Datasheet HTML 5Page - Active-Semi, Inc ACT4523AYH-T Datasheet HTML 6Page - Active-Semi, Inc ACT4523AYH-T Datasheet HTML 7Page - Active-Semi, Inc ACT4523AYH-T Datasheet HTML 8Page - Active-Semi, Inc ACT4523AYH-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
FEATURES
40V Input Voltage Surge
36V Steady State Operation
Up to 3.5A Output Current
Output Voltage up to 12V
250kHz Switching Frequency
91% Efficiency (Vout = 5V@3.5A at Vin = 12V)
Patented ActiveCC Sensorless Constant Current
Control
Integrated Current Control Improves
Efficiency, Lowers Cost, and Reduces
Component Count
Resistor Programmable
Current Limit from 1.5A to 4.0A
Patented Cable Compensation from 0 to
0.25Ω
±6.5% CC Accuracy
Compensation of Input /Output Voltage Change
Temperature Compensation
Independent of inductance and Inductor DCR
2% Feedback Voltage Accuracy
Advanced Feature Set
Integrated Soft Start
Thermal Shutdown
Secondary Cycle-by-Cycle Current Limit
Protection Against Shorted ISET Pin
SOP-8EP Package
APPLICATIONS
Car Charger/ Adaptor
Rechargeable Portable Devices
General-Purpose CC/CV Supply
GENERAL DESCRIPTION
ACT4523A is a wide input voltage, high efficiency
ActiveCC step-down DC/DC converter that operates
in either CV (Constant Output Voltage) mode or CC
(Constant Output Current) mode. ACT4523A
provides up to 3.5A output current at 250kHz
switching frequency.
Active CC is a patented control scheme to achieve
highest accuracy with sensorless constant current
control. ActiveCC eliminates the expensive, high
accuracy current sense resistor, making it ideal for
battery charging applications and adaptors with
accurate current limit. The ACT4523A achieves
higher efficiency than traditional constant current
switching regulators by eliminating its associated
power loss on the sensing resistor. ACT4523A
provides OVP pin for output over voltage protection.
Protection features include cycle-by-cycle current
limit, thermal shutdown, and frequency foldback at
short circuit. The devices are available in a SOP-
8EP package and require very few external devices
for operation.
ACT4523A
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Output Current (A)
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
CC/CV Curve
Rev 0, 25-Jul-13
VIN = 12V
VIN = 24V
VIN = 18V


Similar Part No. - ACT4523AYH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4523AYH-T ACTIVE-SEMI-ACT4523AYH-T Datasheet
400Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
More results

Similar Description - ACT4523AYH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4515 ACTIVE-SEMI-ACT4515_12 Datasheet
463Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4523A ACTIVE-SEMI-ACT4523A Datasheet
400Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
EA4533AYH ACTIVE-SEMI-EA4533AYH Datasheet
452Kb / 17P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4513 ACTIVE-SEMI-ACT4513_12 Datasheet
673Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com