Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHY440 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TLHY440
Description  Suitable for DC and high peak current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHY440 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TLHY440 Datasheet HTML 3Page - Vishay Siliconix TLHY440 Datasheet HTML 4Page - Vishay Siliconix TLHY440 Datasheet HTML 5Page - Vishay Siliconix TLHY440 Datasheet HTML 6Page - Vishay Siliconix TLHY440 Datasheet HTML 7Page - Vishay Siliconix TLHY440 Datasheet HTML 8Page - Vishay Siliconix TLHY440 Datasheet HTML 9Page - Vishay Siliconix TLHY440 Datasheet HTML 10Page - Vishay Siliconix TLHY440 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TLHR440., TLHO440., TLHY440., TLHG440.
www.vishay.com
Vishay Semiconductors
Rev. 3.1, 24-Mar-15
9
Document Number: 83006
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
REEL DIMENSIONS in millimeters
Fig. 24 - Reel
TAPE
Fig. 25 - LED in Tape
technical drawings
according to DIN
specifications
Drawing-No.: 6.544-5255.01-4
Issue: 9; 28.07.14
AC
Ø 2.9 ± 0.15
0.4
+ 0.15
- 0.05
AREA NOT PLANE
R1.4 (sphere)
2.54 nom.
0.5
+ 0.2
- 0.1
Identification label:
355
90
30
48
45
52 max.
948641
Vishay/type/group/tape code/production code/quantity
Paper
Adhesive tape
Identification label
Reel
Tape
Diodes: anode before cathode
Phototransistors: emitter before collector
Code 21
Diodes:
cathode before anode
Phototransistors:
collector before emitter
Code 12
94 8671


Similar Part No. - TLHY440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHY440 VISHAY-TLHY440 Datasheet
209Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHY440. VISHAY-TLHY440. Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHY4400 VISHAY-TLHY4400 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHY4400 VISHAY-TLHY4400 Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHY4400-AS12Z VISHAY-TLHY4400-AS12Z Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLHY440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHF42U1V2-35 VISHAY-TLHF42U1V2-35 Datasheet
107Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHO42M1N2 VISHAY-TLHO42M1N2 Datasheet
108Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHY44K1L2 VISHAY-TLHY44K1L2 Datasheet
109Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHK46Q1R2 VISHAY-TLHK46Q1R2 Datasheet
107Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
logo
Maxim Integrated Produc...
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
   Suitable for large current
logo
Infineon Technologies A...
IPA80R460CE INFINEON-IPA80R460CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com